Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR303 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SR303
Description  HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SR303 Datasheet(HTML) 2 Page - Diodes Incorporated

  SR303 Datasheet HTML 1Page - Diodes Incorporated SR303 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS23025 Rev. 5 - 3
2 of 2
SR302-SR306
0
1.0
2.0
3.0
Single Phase Half Wave
60Hz Resistive or Inductive Load
4.0
20
40
60
80
100
120 140
T , LEAD TEMPERATURE (°C)
Fig. 1, Forward Current Derating Curve
L
SR302
SR303
SR304
SR305
SR306
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4, Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (VOLTS)
Fig. 3, Typical Total Capacitance
R
T = 25°C
J
0.1
1.0
10
40
0.1
0.5
0.7
0.9
1.1
0.3
V INSTANTANEOUS FWD VOLTAGE (V)
Fig.2, Typical Forward Characteristics
F,
TJ = 25°C
Pulse Width = 300µs
2% Duty Cycle
SR302
SR303
SR304
SR305
SR306
NOT RECOMMENDED FOR
NEW DESIGNS, USE SB3X0 SERIES


Similar Part No. - SR303

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR303 MOSPEC-SR303 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
logo
Micro Commercial Compon...
SR303 MCC-SR303 Datasheet
430Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Jinan Gude Electronic D...
SR303 JGD-SR303 Datasheet
143Kb / 2P
   3.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SR303 FRONTIER-SR303 Datasheet
124Kb / 2P
   3A SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR303 TSC-SR303 Datasheet
66Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR303

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD930 DIODES-SD930_1 Datasheet
87Kb / 3P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 4 - 2
SD930 DIODES-SD930_08 Datasheet
105Kb / 3P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. 5 - 2
SR102 DIODES-SR102 Datasheet
149Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
logo
New Jersey Semi-Conduct...
SR302 NJSEMI-SR302 Datasheet
210Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SR502 DIODES-SR502 Datasheet
64Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23005 Rev. E-3
SR104-T DIODES-SR104-T Datasheet
48Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
SR102 NJSEMI-SR102 Datasheet
218Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SR502 NJSEMI-SR502 Datasheet
212Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SR306-T DIODES-SR306-T Datasheet
65Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
SD930 DIODES-SD930 Datasheet
63Kb / 3P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23026 Rev. C-2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com