Electronic Components Datasheet Search |
|
P2600EC Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
P2600EC Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd. |
4 / 5 page Thyristor Surge Suppressors (TSS) Revision September 25, 2013 4 / 5 @SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. P0080EC - P5000EC Series - TO-92 @10/700 μS, 6KV SOCAY Electronics Co., Ltd. www.socay.com Lead Material Copper Alloy High Temp Voltage Blocking 80% Rated VDRM (VAC Peak ) +125 °C or +150°C, Lead Material Copper Alloy High Temp Voltage Blocking 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 Terminal Finish 100% Matte-Tin Plated Body Material UL recognized epoxy meeting flammability classification 94V-0 Temp Cycling -65 °C to +150°C, 15 min. dwell, 10 up to 100 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 Biased Temp & Humidity 52 VDC (+85 °C) 85%RH, 504 up to 1008 hrs. EIA/ JEDEC, JESD22-A-101 High Temp Storage +150 °C 1008 hrs. MIL-STD-750 (Method 1031) JEDEC, JESD22-A-101 Low Temp Storage -65 °C, 1008 hrs. Thermal Shock 0 °C to +100°C, 5 min. dwell, 10 sec. transfer, Thermal Shock 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106 Autoclave (Pressure Cooker Test) +121 °C, 100%RH, 2atm, 24 up to 168 hrs. EIA/Cooker Test) JEDEC, JESD22-A-102 Resistance to Solder Heat +260 °C, 30 secs. MIL-STD-750 (Method 2031 Moisture Sensitivity Level 85%RH, +85 °C, 168 hrs., 3 reflow cycles Level (+260 °C Peak). JEDEC-J-STD-020, Level 1 Reflow Condition Lead –free assembly -Temperature Min (Ts(min)) +150 °C -Temperature Max (Ts(max)) +200 °C Pre Heat -Time (min to max) (ts) 60 -180 Seconds Average ramp up rate ( Liquidus Temp TL) to peak 3 °C/Second Max TS(max) to TL - Ramp-up Rate 3 °C/Second Max - Temperature (TL) (Liquidus) +217 °C Reflow - Time (min to max) (ts) 60 -150 Seconds Peak Temperature (TP) 260 +0/-5 °C Time within 5 °C of actual peak Temperature (tp) 30 Seconds Max Ramp-down Rate 6 °C/Second Max Time 25 °C to peak Temperature (TP) 8 minutes Max Do not exceed +260 °C Ramp-down Preheat Critical Zone TL to TP Time to peak temperature (t 25℃ to peak) TP TL TS(max) TS(min) 25 Ramp-up Time Soldering Parameters Environmental Specifications Physical Specifications |
Similar Part No. - P2600EC |
|
Similar Description - P2600EC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |