Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC363C6V4 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TLC363C6V4
Description  TRIPLE LOW CAPACITANCE MOUNT ZENER DIODE ARRAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC363C6V4 Datasheet(HTML) 1 Page - Diodes Incorporated

  TLC363C6V4 Datasheet HTML 1Page - Diodes Incorporated TLC363C6V4 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30186 Rev. 7 - 1
1 of 2
TLC363C Series (5V5, 6V4, 7V0, 20V8)
www.diodes.com
TLC363C Series (5V5, 6V4,
7V0, 20V8)
TRIPLE LOW CAPACITANCE MOUNT ZENER DIODE
ARRAY
Features
·
Planar Die Construction
·
200mW Power Dissipation
·
Nominal Zener Voltages: 5.5V, 6.4V, 7.0V,
20.8V
·
Ultra-Small Surface Mount Package
·
Case: SOT-363, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Orientation: See Diagram
·
Marking: See Sheet 2
·
Weight: 0.006 grams (approx.)
·
Ordering Information, See Sheet 2
Mechanical Data
Characteristic
Symbol
Value
Unit
Zener Current (See Table Below)
¾¾¾
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. VZ measured @ IZT using a short duration pulse. Standard voltage tolerance is 5%.
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
F
KXX YM
D
D
D
D
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Internal Schematic
D
D
Z
Z
Z
Type
Number
Marking
Code
Zener Voltage
Range (Note 2)
Maximum Zener Impedance
Maximum Reverse
Current
Maximum
Junction
Capacitance
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@
VR
CJ
Nom (V)
Min (V)
Max (V)
(
W)
(mA)
(
W)
(mA)
(
mA)
(V)
pF
TLC363C5V5
K01
5.5
5.22
5.78
80
5.0
500
1.0
1.0
2.0
4.0
TLC363C6V4
K03
6.4
6.08
6.72
35
5.0
1800
.25
2.0
3.0
4.0
TLC363C7V0
K05
7.0
6.65
7.35
18
5.0
200
1.0
2.0
4.0
4.0
TLC363C20V8
KN7
20.8
19.76
21.84
58
5.0
225
1.0
0.05
14
4.0
D
D
D
D
D
D
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
APPLICATION
Two packages connected to yield three
low capacitance bi-directional zener circuits.
UNDER DEVELOPMENT
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
All Dimensions in mm


Similar Part No. - TLC363C6V4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3016 TI1-TLC3016 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLC32040 TI-TLC32040 Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
TLC32040C TI-TLC32040C Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32040CFN TI-TLC32040CFN Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
TLC32040CN TI-TLC32040CN Datasheet
453Kb / 33P
[Old version datasheet]   ANALOG INTERFACE CIRCUITS
More results

Similar Description - TLC363C6V4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BTS DIODES-MMBZ5221BTS Datasheet
62Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 4 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_15 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
BZX84C2V4TS DIODES-BZX84C2V4TS_1 Datasheet
158Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 9 - 2
BZX84C2V4TS DIODES-BZX84C2V4TS_08 Datasheet
165Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 11 - 2 May 2008
MMBZ5221BTS DIODES-MMBZ5221BTS_08 Datasheet
149Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
Rev. 12 - 2 June 2008
BZX84C2V4TS DIODES-BZX84C2V4TS Datasheet
59Kb / 3P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30187 Rev. 4 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_1 Datasheet
91Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DS30184 Rev. 10 - 2
MMBZ5221BTS DIODES-MMBZ5221BTS_15 Datasheet
184Kb / 4P
   TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
DDZX5V1BTS DIODES-DDZX5V1BTS_1 Datasheet
178Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 6 - 2
DDZX9689TS DIODES-DDZX9689TS Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com