Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1K Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # S1K
Description  Surface Mount Glass Passivated Junction Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

S1K Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  S1K Datasheet HTML 1Page - Cystech Electonics Corp. S1K Datasheet HTML 2Page - Cystech Electonics Corp. S1K Datasheet HTML 3Page - Cystech Electonics Corp. S1K Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C246SA
Issued Date : 2012.08.06
Revised Date : 2013.03.11
Page No. : 2/4
S1A thru S1M
CYStek Product Specification
Ratings and Characteristic Curves


Similar Part No. - S1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1K PANJIT-S1K Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1K DIOTEC-S1K Datasheet
157Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
EIC discrete Semiconduc...
S1K EIC-S1K Datasheet
52Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Micro Commercial Compon...
S1K MCC-S1K Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
AiT Semiconductor Inc.
S1K AITSEMI-S1K Datasheet
468Kb / 5P
   RECTIFIER DIODE 50 ~1000V REVERSE VOLTAGE 1A CURRENT
REV1.0
More results

Similar Description - S1K

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SOD157-SH LRC-SOD157-SH Datasheet
313Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers
SOD4007-SH LRC-SOD4007-SH Datasheet
322Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers
SOD4007T-SH LRC-SOD4007T-SH_15 Datasheet
310Kb / 11P
   Surface Mount Glass Passivated Junction Rectifiers
SODE1J-SH LRC-SODE1J-SH_15 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
SODF107-SH LRC-SODF107-SH_15 Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
logo
PACELEADER INDUSTRIAL
RGL34A PACELEADER-RGL34A Datasheet
147Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS
logo
Leshan Radio Company
SODF157T-SH LRC-SODF157T-SH_15 Datasheet
314Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
FFMAF207T LRC-FFMAF207T_15 Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
FFMAF207L LRC-FFMAF207L_15 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
SODF157-SH LRC-SODF157-SH_15 Datasheet
317Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com