Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK12SA-0-T4-G Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SK12SA-0-T4-G
Description  1.0Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK12SA-0-T4-G Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SK12SA-0-T4-G Datasheet HTML 1Page - Cystech Electonics Corp. SK12SA-0-T4-G Datasheet HTML 2Page - Cystech Electonics Corp. SK12SA-0-T4-G Datasheet HTML 3Page - Cystech Electonics Corp. SK12SA-0-T4-G Datasheet HTML 4Page - Cystech Electonics Corp. SK12SA-0-T4-G Datasheet HTML 5Page - Cystech Electonics Corp. SK12SA-0-T4-G Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C752SA
Issued Date : 2006.07.13
Revised Date :2014.02.05
Page No. : 1/6
SK12SA thru SK1BSA
CYStek Product Specification
1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA thru SK1BSA
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0.
• Low leakage current.
• High surge capability.
• High temperature soldering: 250°C/10 seconds at terminals.
• Exceeds environmental standards of MIL-S-19500/228.
Mechanical Data
• Case: Molded plastic, JEDEC DO-214AC/SMA.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026.
• Polarity: Indicated by cathode band.
• Mounting position: Any.
• Weight: 0.064 gram, 0.002 ounce.
Ordering Information
Device
Package
Shipping
Marking
SK12SA-0-T4-G
SK12
SK13SA-0-T4-G
SK13
SK14SA-0-T4-G
SK14
SK15SA-0-T4-G
SK15
SK16SA-0-T4-G
SK16
SK18SA-0-T4-G
SK18
SK1BSA-0-T4-G
SMA
(Pb-free lead plating and halogen-free
package)
7500 pcs / Tape & Reel
SK1B
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T4 : 7500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - SK12SA-0-T4-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK12SA-0-T4-G CYSTEKEC-SK12SA-0-T4-G Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK12SA-0-T4-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMASS1XAS CYSTEKEC-CSMASS1XAS Datasheet
145Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSB CYSTEKEC-SK1XSB Datasheet
199Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK16SA CYSTEKEC-SK16SA Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK12SA CYSTEKEC-SK12SA Datasheet
359Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
SK1XSA CYSTEKEC-SK1XSA Datasheet
87Kb / 3P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD120LSH CYSTEKEC-CSOD120LSH Datasheet
235Kb / 5P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD1100SH CYSTEKEC-CSOD1100SH Datasheet
223Kb / 4P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5819S2 CYSTEKEC-CSOD5819S2 Datasheet
258Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD140SH CYSTEKEC-CSOD140SH Datasheet
196Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
CSOD5817S2 CYSTEKEC-CSOD5817S2 Datasheet
258Kb / 6P
   1.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com