Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK2XSB Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SK2XSB
Description  2.0Amp. Surface Mount Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK2XSB Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SK2XSB Datasheet HTML 1Page - Cystech Electonics Corp. SK2XSB Datasheet HTML 2Page - Cystech Electonics Corp. SK2XSB Datasheet HTML 3Page - Cystech Electonics Corp. SK2XSB Datasheet HTML 4Page - Cystech Electonics Corp. SK2XSB Datasheet HTML 5Page - Cystech Electonics Corp. SK2XSB Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C347SB
Issued Date : 2006.02.07
Revised Date :2011.01.21
Page No. : 1/6
SK2XSB
CYStek Product Specification
2.0Amp. Surface Mount Schottky Barrier Diodes
SK2XSB
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
• Case: Molded plastic, JEDEC DO-214AA/SMB
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Mounting position: Any
• Weight: 0.093 gram
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. )
Type
Parameter
Symbols
SK22SB SK24SB SK26SB SK28SB SK2BSB
Units
Repetitive peak reverse voltage
VRRM
20
40
60
80
100
V
Maximum RMS voltage
VRMS
14
28
42
56
70
V
Maximum DC blocking voltage
VR
20
40
60
80
100
V
Maximum instantaneous forward voltage
@ IF=2A (Note 1)
VF
0.5
0.7
0.85
V
Maximum average forward rectified
current
IO
2
A
Peak forward surge current@ 8.3ms
single half sine wave superimposed on
rated load(JEDEC method)
IFSM
50
A
Maximum DC reverse current@
VR=VRRM,TA=25℃(Note 1)
VR=VRRM,TA=125℃(Note 1)
IR
0.5
10
mA
Maximum thermal resistance, Junction to
ambient(Note 2)
Rth,JA
40 (typ)
℃/W
Diode junction capacitance@ f=1MHz
and applied 4V reverse voltage
CJ
180 (typ)
pF
Storage temperature
Tstg
-65~+150
Operating temperature
TJ
-65~+125
Notes : 1.Pulse test, pulse width=300μsec, 2% duty cycle
2.Mounted on PCB with 0.2”×0.2”mm² (0.5mm×0.5mm) copper pad area.


Similar Part No. - SK2XSB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK2XSA CYSTEKEC-SK2XSA Datasheet
87Kb / 3P
   2.0Amp. Surface Mount Schottky Barrier Diodes
More results

Similar Description - SK2XSB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK2BSB CYSTEKEC-SK2BSB Datasheet
252Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK28SA CYSTEKEC-SK28SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2BSA CYSTEKEC-SK2BSA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK260SC CYSTEKEC-SK260SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2DSA CYSTEKEC-SK2DSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2XSA CYSTEKEC-SK2XSA Datasheet
87Kb / 3P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2100SC CYSTEKEC-SK2100SC Datasheet
173Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK240SC CYSTEKEC-SK240SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2CSA CYSTEKEC-SK2CSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK22SA CYSTEKEC-SK22SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK26SA CYSTEKEC-SK26SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com