Selected language     English  ▼


W01G Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. W01G
Description  1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 2 page
background image
DS21202 Rev. F-2
2 of 2
W005G - W10G
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25°C
Pulse width = 300µs
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Pulse Width 8.3 ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance
R
T = 25°C
f = 1mz
j
0.01
0.1
1.0
10
100
200
040
80
160
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
Single phase half-sine-wave
60Hz resistive or inductive load




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
W005G1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
DF15005S1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Diodes Incorporated
KBP005G1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Diodes Incorporated
DF1501.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
DF150S1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
KBP005M1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
KBP150G1.5A GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
KBPC15GS15 25 35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER 1 2 3 Won-Top Electronics
MDA200GSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes 1 2 Rectron Semiconductor
GBPC15005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl