Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S07M-M-08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S07M-M-08
Description  Standard Recovery Rectifier High Voltage Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07M-M-08 Datasheet(HTML) 2 Page - Vishay Siliconix

  S07M-M-08 Datasheet HTML 1Page - Vishay Siliconix S07M-M-08 Datasheet HTML 2Page - Vishay Siliconix S07M-M-08 Datasheet HTML 3Page - Vishay Siliconix S07M-M-08 Datasheet HTML 4Page - Vishay Siliconix S07M-M-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S07B-M, S07D-M, S07G-M, S07J-M, S07M-M
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 01-Aug-11
2
Document Number: 85191
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Mounted on epoxy substrate with 3 mm x 3 mm Cu pads (
 40 μm thick)
Note
(1)
Pulse test: 300 μs pulse width, 1 % duty cycle
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Typical Instantaneous Forward Characteristics
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
180
K/W
Operating junction and storage temperature
range
Tj, Tstg
- 55 to 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Instaneous forward voltage
IF = 1 A (1)
S07B-M
VF
1.1
V
S07D-M
VF
1.1
V
S07G-M
VF
1.1
V
S07J-M
VF
1.1
V
S07M-M
VF
1.1
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
S07B-M
IR
10
μA
S07D-M
IR
10
μA
S07G-M
IR
10
μA
S07J-M
IR
10
μA
S07M-M
IR
10
μA
TA = 125 °C
S07B-M
IR
50
μA
S07D-M
IR
50
μA
S07G-M
IR
50
μA
S07J-M
IR
50
μA
S07M-M
IR
50
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A,
Irr = 0.25 A
S07B-M
trr
1800
ns
S07D-M
trr
1800
ns
S07G-M
trr
1800
ns
S07J-M
trr
1800
ns
S07M-M
trr
1800
ns
Typical capacitance
4 V, 1 MHz
S07B-M
Cj
4pF
S07D-M
Cj
4pF
S07G-M
Cj
4pF
S07J-M
Cj
4pF
S07M-M
Cj
4pF
0
0.6
0.8
1.2
1.0
0
20
40
60
80
100
120
140
160
Ambient Temperature (°C)
0.4
0.2
Resistive or inductive load
3.0 mm x 3.0 mm
40 µm
thick copper pad areas
17375
100
1000
600
700
800
900
1000
1100
InstantaneousForward Voltage (mV)
TJ = 150 °C
TJ =25 °C
TJ = 100 °C
17376


Similar Part No. - S07M-M-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07M-M VISHAY-S07M-M Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 20-Aug-10
S07M-M VISHAY-S07M-M Datasheet
90Kb / 5P
   Standard Recovery Rectifier High Voltage Surface Mount
Rev. 1.2, 01-Aug-11
S07M-M VISHAY-S07M-M Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface-Mount
01-Jan-2022
More results

Similar Description - S07M-M-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S1FLB VISHAY-S1FLB Datasheet
552Kb / 6P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.0, 26-Aug-13
S07B-M VISHAY-S07B-M_V01 Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface-Mount
01-Jan-2022
S07B VISHAY-S07B_V01 Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface Mount
01-Jan-2022
S1FLB-M VISHAY-S1FLB-M Datasheet
107Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.0, 26-Aug-13
S1FLX-M VISHAY-S1FLX-M Datasheet
110Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.5, 26-Feb-2021
S1FLB-M VISHAY-S1FLB-M_V01 Datasheet
111Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
01-Jan-2022
S07J-M-08 VISHAY-S07J-M-08 Datasheet
90Kb / 5P
   Standard Recovery Rectifier High Voltage Surface Mount
Rev. 1.2, 01-Aug-11
S1FLB VISHAY-S1FLB_V01 Datasheet
106Kb / 6P
   Standard Recovery Rectifier, High Voltage Surface-Mount
01-Jan-2022
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com