Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S07M-M-08 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S07M-M-08
Description  Standard Recovery Rectifier High Voltage Surface Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07M-M-08 Datasheet(HTML) 3 Page - Vishay Siliconix

  S07M-M-08 Datasheet HTML 1Page - Vishay Siliconix S07M-M-08 Datasheet HTML 2Page - Vishay Siliconix S07M-M-08 Datasheet HTML 3Page - Vishay Siliconix S07M-M-08 Datasheet HTML 4Page - Vishay Siliconix S07M-M-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S07B-M, S07D-M, S07G-M, S07J-M, S07M-M
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 01-Aug-11
3
Document Number: 85191
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Reverse Characteristics
Fig. 4 - Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): DO-219AB (SMF)
InstantaneousReverse Voltage (V)
0
100
200
300
400
500
600
700
800
900
0.01
0.1
10
1
100
TJ = 150 °C
TJ = 125 °C
TJ = 100 °C
TJ = 75 °C
TJ = 50 °C
TJ = 25 °C
17377
V R (V)
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
17378
Foot print recommendation:
Rev. 3 - Date: 13. March 2007
Document no.:S8-V-3915.01-001 (4)
1.3 (0.051)
1.3 (0.051)
2.9 (0.114)
2.9 (0.114)
2.7 (0.106)
3.9 (0.154)
3.5 (0.138)
0.85 (0.033)
0.35 (0.014)
1.08 (0.043)
0.88 (0.035)
Created - Date: 15. February 2005
17247
Detail Z
enlarged


Similar Part No. - S07M-M-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07M-M VISHAY-S07M-M Datasheet
80Kb / 6P
   Small Signal Switching Diode, High Voltage
Rev. 1.1, 20-Aug-10
S07M-M VISHAY-S07M-M Datasheet
90Kb / 5P
   Standard Recovery Rectifier High Voltage Surface Mount
Rev. 1.2, 01-Aug-11
S07M-M VISHAY-S07M-M Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface-Mount
01-Jan-2022
More results

Similar Description - S07M-M-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S1FLB VISHAY-S1FLB Datasheet
552Kb / 6P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.0, 26-Aug-13
S07B-M VISHAY-S07B-M_V01 Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface-Mount
01-Jan-2022
S07B VISHAY-S07B_V01 Datasheet
108Kb / 6P
   Standard Recovery Rectifier High Voltage Surface Mount
01-Jan-2022
S1FLB-M VISHAY-S1FLB-M Datasheet
107Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.0, 26-Aug-13
S1FLX-M VISHAY-S1FLX-M Datasheet
110Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
Rev.1.5, 26-Feb-2021
S1FLB-M VISHAY-S1FLB-M_V01 Datasheet
111Kb / 7P
   Standard Recovery Rectifier, High Voltage Surface Mount
01-Jan-2022
S07J-M-08 VISHAY-S07J-M-08 Datasheet
90Kb / 5P
   Standard Recovery Rectifier High Voltage Surface Mount
Rev. 1.2, 01-Aug-11
S1FLB VISHAY-S1FLB_V01 Datasheet
106Kb / 6P
   Standard Recovery Rectifier, High Voltage Surface-Mount
01-Jan-2022
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com