Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214P2211K101 Datasheet(PDF) 8 Page - EPCOS

Part # B72214P2211K101
Description  SIOV metal oxide varistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214P2211K101 Datasheet(HTML) 8 Page - EPCOS

Back Button B72214P2211K101 Datasheet HTML 4Page - EPCOS B72214P2211K101 Datasheet HTML 5Page - EPCOS B72214P2211K101 Datasheet HTML 6Page - EPCOS B72214P2211K101 Datasheet HTML 7Page - EPCOS B72214P2211K101 Datasheet HTML 8Page - EPCOS B72214P2211K101 Datasheet HTML 9Page - EPCOS B72214P2211K101 Datasheet HTML 10Page - EPCOS B72214P2211K101 Datasheet HTML 11Page - EPCOS B72214P2211K101 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Test
Test methods/conditions
Requirement
Vibration
IEC 60068-2-6, test Fc, method B4
|
∆V/V (1 mA)| ≤5%
No visible damage
Frequency range:
Amplitude:
Duration:
Pulse:
10 … 55 Hz
0.75 mm or 98 m/s2
6 h (3 · 2 h)
sine wave
After repeatedly applying a single
harmonic vibration according to the
table above.
The change of VV shall be measured
and the specimen shall be visually
examined.
Bump
IEC 60068-2-29, test Eb
|
∆V/V (1 mA)| ≤5%
No visible damage
Pulse duration:
Max. acceleration:
Number of bumps:
Pulse:
6 ms
400 m/s2
4000
half sine
Fire hazard
IEC 60695-11-5 (needle flame test)
Severity: vertical 10 s
5 s max.
Note:
UCT = Upper category temperature
LCT = Lower category temperature
Rins = Insulation resistance
Leaded varistors
B722*
AdvanceD-MP, S14 series
Page 8 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72214P2211K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214P2211K101 EPCOS-B72214P2211K101 Datasheet
361Kb / 15P
   Leaded varistors
B72214P2211K101 EPCOS-B72214P2211K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
B72214P2211K101 EPCOS-B72214P2211K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
More results

Similar Description - B72214P2211K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com