Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214P2301K101 Datasheet(PDF) 3 Page - EPCOS

Part # B72214P2301K101
Description  SIOV metal oxide varistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214P2301K101 Datasheet(HTML) 3 Page - EPCOS

  B72214P2301K101 Datasheet HTML 1Page - EPCOS B72214P2301K101 Datasheet HTML 2Page - EPCOS B72214P2301K101 Datasheet HTML 3Page - EPCOS B72214P2301K101 Datasheet HTML 4Page - EPCOS B72214P2301K101 Datasheet HTML 5Page - EPCOS B72214P2301K101 Datasheet HTML 6Page - EPCOS B72214P2301K101 Datasheet HTML 7Page - EPCOS B72214P2301K101 Datasheet HTML 8Page - EPCOS B72214P2301K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
B72214P2131K101
S14K130E2K1
130
170
6000
60.0
0.60
B72214P2141K101
S14K140E2K1
140
180
6000
65.0
0.60
B72214P2151K101
S14K150E2K1
150
200
6000
70.0
0.60
B72214P2171K101
S14K175E2K1
175
225
6000
80.0
0.60
B72214P2211K101
S14K210E2K1
210
270
6000
95.0
0.60
B72214P2231K101
S14K230E2K1
230
300
6000
105.0
0.60
B72214P2251K101
S14K250E2K1
250
270
6000
115.0
0.60
B72214P2271K101
S14K275E2K1
275
350
6000
130.0
0.60
B72214P2301K101
S14K300E2K1
300
385
6000
140.0
0.60
B72214P2321K101
S14K320E2K1
320
420
6000
150.0
0.60
B72214P2351K101
S14K350E2K1
350
460
6000
165.0
0.60
B72214P2381K101
S14K385E2K1
385
505
6000
180.0
0.60
B72214P2421K101
S14K420E2K1
420
560
6000
190.0
0.60
B72214P2461K101
S14K460E2K1
460
615
6000
200.0
0.60
B72214P2511K101
S14K510E2K1
510
670
6000
200.0
0.60
B72214P2551K101
S14K550E2K1
550
745
6000
220.0
0.60
B72214P2621K101
S14K620E2K1
625
825
6000
240.0
0.60
B72214P2681K101
S14K680E2K1
680
895
6000
260.0
0.60
Characteristics (TA = 25
°C)
Ordering code
Type
(untaped)
SIOV-
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
B72214P2131K101
S14K130E2K1
205
±10
340
50.0
1100
B72214P2141K101
S14K140E2K1
220
±10
360
50.0
1000
B72214P2151K101
S14K150E2K1
240
±10
395
50.0
900
B72214P2171K101
S14K175E2K1
270
±10
455
50.0
800
B72214P2211K101
S14K210E2K1
330
±10
545
50.0
690
B72214P2231K101
S14K230E2K1
360
±10
595
50.0
630
B72214P2251K101
S14K250E2K1
390
±10
650
50.0
580
B72214P2271K101
S14K275E2K1
430
±10
710
50.0
530
B72214P2301K101
S14K300E2K1
470
±10
775
50.0
485
B72214P2321K101
S14K320E2K1
510
±10
840
50.0
445
B72214P2351K101
S14K350E2K1
560
±10
910
50.0
410
B72214P2381K101
S14K385E2K1
620
±10
1025
50.0
390
B72214P2421K101
S14K420E2K1
680
±10
1120
50.0
355
B72214P2461K101
S14K460E2K1
750
±10
1240
50.0
320
B72214P2511K101
S14K510E2K1
820
±10
1355
50.0
300
B72214P2551K101
S14K550E2K1
910
±10
1500
50.0
265
B72214P2621K101
S14K620E2K1
1000
±10
1650
50.0
240
B72214P2681K101
S14K680E2K1
1100
±10
1815
50.0
220
Leaded varistors
B722*
AdvanceD-MP, S14 series
Page 3 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72214P2301K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214P2301K101 EPCOS-B72214P2301K101 Datasheet
361Kb / 15P
   Leaded varistors
B72214P2301K101 EPCOS-B72214P2301K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
B72214P2301K101 EPCOS-B72214P2301K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
More results

Similar Description - B72214P2301K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com