Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6020L53 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S6020L53
Description  Lead Form Dimensions
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S6020L53 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button S6020L53 Datasheet HTML 2Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 3Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 4Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 5Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 6Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 7Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 8Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 9Page - List of Unclassifed Manufacturers S6020L53 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
http://www.littelfuse.com
M2 - 6
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Lead Form Dimensions
Data Sheets
TO-220 Type 56 — R or L Package
Replaces G.E. Type 6, Motorola Lead Form 3, RCA 6221
TO-220 Type 57 — R Package
Similar to TO-66, Gate-Cathode Reversed
TO-220 Type 58 — R or L Package
TO-220 Type 59 — R or L Package
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.570
0.590
14.48
14.99
B
0.120
0.130
3.05
3.30
C
0.172
0.202
4.37
5.13
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.040
0.070
1.02
1.78
B
0.570
0.590
14.48
14.99
C
0.340
0.422
8.64
10.72
Mounting Tab
Common to
MT2 / Anode
for Non-isolated
R Package
MT1 / Cathode
A
C
MT2 / Anode
Gate / Trigger
MT2 / Anode
B
MT1 / Cathode
C
Gate
MT2 / Anode
B
A
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.175
4.45
B
0.542
0.582
13.77
14.78
C
0.167
0.207
4.24
5.26
D
0.355
0.395
9.02
10.03
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.685
0.725
17.40
18.42
B
0.558
0.598
14.17
15.19
C
0.375
9.53
D
0.250
6.35
Mounting Tab
Common to
MT2 / Anode
for Non-isolated
R Package
MT1 / Cathode
Gate
MT2 / Anode
A
D
C
B
MT2 / Anode
Mounting Tab
Common to
MT2 / Anode
for Non-isolated
R Package
MT1 / Cathode
Gate
D
C
B
MT2 / Anode
MT2 /
Anode
A


Similar Part No. - S6020L53

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6020L TECCOR-S6020L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S6020L TECCOR-S6020L Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S6020L LITTELFUSE-S6020L Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S6020L LITTELFUSE-S6020L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S6020L NJSEMI-S6020L Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S6020L53

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L52 LITTELFUSE-D4015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L52 LITTELFUSE-D6015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L53 LITTELFUSE-D6015L53 Datasheet
151Kb / 10P
   Lead Form Dimensions
L6004L356 LITTELFUSE-L6004L356 Datasheet
151Kb / 10P
   Lead Form Dimensions
logo
List of Unclassifed Man...
S4015L52 ETC2-S4015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
logo
Littelfuse
Q4004L352 LITTELFUSE-Q4004L352 Datasheet
151Kb / 10P
   Lead Form Dimensions
217.040P LITTELFUSE-217.040P Datasheet
304Kb / 2P
   Available in Cartridge and Axial Lead Form
logo
Rohm
TUMD2 ROHM-TUMD2 Datasheet
43Kb / 1P
   Each lead has same dimensions
logo
AVX Corporation
SD1206T020S1R0 AVX-SD1206T020S1R0 Datasheet
626Kb / 6P
   Schottky Barrier Rectifier Diode Lead-less Chip Form
logo
Comchip Technology
Z4GP206L-HF COMCHIP-Z4GP206L-HF Datasheet
410Kb / 4P
   Lead less chip form, no lead damage, Low power loss, High efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com