Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW56WT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAW56WT1G
Description  Dual Switching Diode, Common Anode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAW56WT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAW56WT1G Datasheet HTML 1Page - ON Semiconductor BAW56WT1G Datasheet HTML 2Page - ON Semiconductor BAW56WT1G Datasheet HTML 3Page - ON Semiconductor BAW56WT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 7
Publication Order Number:
BAW56WT1/D
1
BAW56WT1G,
SBAW56WT1G
Dual Switching Diode,
Common Anode
Features
AEC−Q101 Qualified and PPAP Capable
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS (TA = 25C)
Rating
Symbol
Max
Unit
Reverse Voltage
VR
70
V
Forward Current
IF
200
mA
Peak Forward Surge Current
IFM(surge)
500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS (TA = 25C)
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1)
TA = 25C
Derate above 25C
PD
200
1.6
mW
mW/C
Thermal Resistance, Junction−to−Ambient
RqJA
625
C/W
Total Device Dissipation
Alumina Substrate (Note 2) TA = 25C
Derate above 25C
PD
300
2.4
mW
mW/C
Thermal Resistance, Junction−to−Ambient
RqJA
417
C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
+150
C
1. FR−5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
SC−70
CASE 419
STYLE 4
MARKING DIAGRAM
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
BAW56WT1G
SC−70
(Pb−Free)
3,000 / Tape & Reel
ANODE
3
CATHODE
1
2
CATHODE
A1
= Device Code
M
= Date Code*
G
= Pb−Free Package
A1 M G
G
1
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
SBAW56WT1G
SC−70
(Pb−Free)
3,000 / Tape & Reel


Similar Part No. - BAW56WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
118Kb / 4P
   Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
63Kb / 4P
   Dual Switching Diode, Common Anode
April, 2016 ??Rev. 8
BAW56WT1G ONSEMI-BAW56WT1G_16 Datasheet
63Kb / 4P
   Dual Switching Diode, Common Anode
April, 2016 ??Rev. 8
More results

Similar Description - BAW56WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
   Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
BAW56M3T5G ONSEMI-BAW56M3T5G Datasheet
120Kb / 4P
   Dual Switching Diode Common Anode
January, 2009 ??Rev. 0
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
52Kb / 4P
   Dual Switching Diode Common Anode
January, 2007 ??Rev. 5
BAW56WT1 ONSEMI-BAW56WT1 Datasheet
118Kb / 4P
   Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
M1MA141WAT1 ONSEMI-M1MA141WAT1 Datasheet
46Kb / 4P
   COMMON ANODE DUAL SWITCHING DIODE
July, 2004 ??Rev. 7
BAW56WT1G ONSEMI-BAW56WT1G_16 Datasheet
63Kb / 4P
   Dual Switching Diode, Common Anode
April, 2016 ??Rev. 8
M1MA141WAT1 ONSEMI-M1MA141WAT1_05 Datasheet
51Kb / 4P
   Common Anode Silicon Dual Switching Diode
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com