Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACR400SE Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # ACR400SE
Description  Fast Turn-off Asymmetric Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

ACR400SE Datasheet(HTML) 2 Page - Dynex Semiconductor

  ACR400SE Datasheet HTML 1Page - Dynex Semiconductor ACR400SE Datasheet HTML 2Page - Dynex Semiconductor ACR400SE Datasheet HTML 3Page - Dynex Semiconductor ACR400SE Datasheet HTML 4Page - Dynex Semiconductor ACR400SE Datasheet HTML 5Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACR400SE
2/5
SURGE RATINGS
Conditions
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) on-state current
I
2tI2t for fusing
810 x 103
A2s
6.0
kA
THERMAL AND MECHANICAL DATA
dc
Conditions
Min.
Max.
Units
oC/W
-
0.074
Anode dc
Clamping force 7.0kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.018
Double side
-
125
oC
T
vj
Virtual junction temperature
T
stg
Storage temperature range
Reverse (blocking)
Single side
-
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
Clamping force
6.0
8.0
kN
-55
125
oC
-
On-state (conducting)
-
135
oC
-
0.036
oC/W
oC/W
Cathode dc
-
0.092
oC/W
Double side cooled
-
0.041
oC/W
10ms half sine; T
case = 125
oC
V
R = 0


Similar Part No. - ACR400SE

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACR4006X ABRACON-ACR4006X Datasheet
1Mb / 11P
   5G NR/ 4G/ LTE Ceramic Chip Antenna
REVISED: 10-01-20
ACR4006X-EVB ABRACON-ACR4006X-EVB Datasheet
665Kb / 3P
   Evaluation Board - 5G NR/ 4G/ LTE Ceramic Chip Antenna
10-01-20
More results

Similar Description - ACR400SE

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
ACR44U DYNEX-ACR44U Datasheet
67Kb / 7P
   Fast Turn-off Asymmetric Thyristor
logo
List of Unclassifed Man...
ACR25U04LG ETC-ACR25U04LG Datasheet
356Kb / 8P
   Fast turn-off asymmetric thyristor
logo
Dynex Semiconductor
MAS110S DYNEX-MAS110S Datasheet
67Kb / 9P
   Fast Turn-off Asymmetric Thyristor/Diode Module
logo
ABB
5SGA06D4502 ABB-5SGA06D4502 Datasheet
391Kb / 5P
   Asymmetric Gate turn-off Thyristor
5SGA40L4501 ABB-5SGA40L4501 Datasheet
245Kb / 9P
   Asymmetric Gate turn-off Thyristor
5SGA15F2502 ABB-5SGA15F2502 Datasheet
314Kb / 9P
   Asymmetric Gate turn-off Thyristor
5SGA30J4502 ABB-5SGA30J4502 Datasheet
365Kb / 9P
   Asymmetric Gate turn-off Thyristor
5SGA30J4505 ABB-5SGA30J4505 Datasheet
238Kb / 10P
   Asymmetric Gate turn-off Thyristor
5SGF40L4502 ABB-5SGF40L4502 Datasheet
344Kb / 9P
   Asymmetric Gate turn-off Thyristor
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
   Fast Turn-on Asymmetric Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com