Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08051A330JAT2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 08051A330JAT2A
Description  C0G (NP0) Dielectric General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08051A330JAT2A Datasheet(HTML) 3 Page - AVX Corporation

  08051A330JAT2A Datasheet HTML 1Page - AVX Corporation 08051A330JAT2A Datasheet HTML 2Page - AVX Corporation 08051A330JAT2A Datasheet HTML 3Page - AVX Corporation 08051A330JAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
C0G (NP0) Dielectric
Capacitance Range
Letter
AB
CE
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.22
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.009)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
SIZE
0101*
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
mm
0.40 ± 0.02
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.016 ± 0.0008) (0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
mm
0.20 ± 0.02
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.008 ± 0.0008) (0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
mm
0.10 ± 0.04
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.004 ± 0.016)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
16
25
50
16
25
50
16
25
50
100
200
16
25
50
100
200
16
25
50
100
200
500
Cap
0.5
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
(pF)
1.0
B
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.2
B
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.5
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
1.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
2.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.3
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
3.9
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
4.7
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
5.6
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
6.8
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
8.2
B
A
A
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
10
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
12
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
15
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
18
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
22
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
27
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
33
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
39
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
47
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
56
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
68
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
82
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
100
B
A
A
C
C
C
G
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
120
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
150
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
180
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
J
220
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
270
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
330
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
390
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
470
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
560
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
M
680
C
C
C
G
G
G
G
J
J
J
J
J
J
J
J
J
J
P
820
C
C
C
G
G
G
J
J
J
J
J
J
J
J
J
M
1000
C
C
C
G
G
G
J
J
J
J
J
J
J
J
J
Q
1200
G
G
G
J
J
J
J
J
J
J
J
Q
1500
G
G
G
J
J
J
J
J
J
J
M
Q
1800
G
G
G
J
J
J
N
J
J
M
M
Q
2200
G
G
G
N
N
N
N
J
J
M
P
Q
2700
G
G
G
N
N
N
N
J
J
M
P
Q
3300
G
G
G
P
P
P
N
J
J
M
P
Q
3900
PP
P
N
J
J
M
P
4700
PP
P
N
J
J
M
P
5600
PP
P
J
J
M
P
6800
PP
P
M
M
M
P
8200
PP
P
M
M
M
P
Cap
0.010
PP
P
N
N
N
P
(μF)
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.068
0.082
0.1
WVDC
16
25
50
16
25
50
16
25
50
100
200
16
25
50
100
200
16
25
50
100
200
500
SIZE
0101*
0201
0402
0603
0805
1206
L
W
T
t
PREFERRED SIZES ARE SHADED
*EIA 01005


Similar Part No. - 08051A330JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08051A100CAT2A AVX-08051A100CAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
08051A100CAT4A AVX-08051A100CAT4A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
08051A100DAT2A AVX-08051A100DAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
08051A100DAT4A AVX-08051A100DAT4A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
08051A100FAT2A AVX-08051A100FAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
More results

Similar Description - 08051A330JAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08055A101JAT2A AVX-08055A101JAT2A_1 Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
logo
List of Unclassifed Man...
08055A471JAT2A ETC2-08055A471JAT2A Datasheet
91Kb / 4P
   C0G (NP0) Dielectric General Specifications
logo
AVX Corporation
06033A102JAT2A AVX-06033A102JAT2A Datasheet
124Kb / 4P
   C0G (NP0) Dielectric General Specifications
08055A102JAT4A AVX-08055A102JAT4A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric General Specifications
08055A270JAT2A AVX-08055A270JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric General Specifications
06035A470JAT2A AVX-06035A470JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric General Specifications
04025A240FAT2A AVX-04025A240FAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric General Specifications
0402ZA100JAT2A AVX-0402ZA100JAT2A Datasheet
124Kb / 4P
   C0G (NP0) Dielectric General Specifications
04025A471JAT2A AVX-04025A471JAT2A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric General Specifications
04025A2R2BAT2A AVX-04025A2R2BAT2A Datasheet
124Kb / 4P
   C0G (NP0) Dielectric General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com