Selected language     English  ▼


E-L293DD Datasheet(PDF) 7 Page - STMicroelectronics

Part No. E-L293DD
Description  2.5 A switch step down switching regulator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 7 page
background image
L5973D
Typical characteristics
7/17
4
Typical characteristics
Figure 3.
Line regulation
Figure 4.
Shutdown current vs junction
temperature
Figure 5.
Output voltage vs junction
temperature
Figure 6.
Switching frequency vs
junction temperature
Figure 7.
Quiescent current vs junction
temperature
3.276
3.28
3.284
3.288
3.292
3.296
3.3
3.304
3.308
3.312
010
20
30
40
Vcc (V)
Tj = 125°C
Tj = 25°C
Vcc = 12V
Vo = 3.3V
Vo (V)
30
40
50
60
70
-50
0
50
100
150
Ishd (
µA)
Vcc = 12V
Tj (°C)
Tj (°C)
Vcc=12V
1.2
1.21
1.22
1.23
1.24
1.25
-50
0
50
100
150
Vo (V)
Vcc = 12V
220
230
240
250
260
-50
0
50
100
150
Tj (°C)
Fsw (KHz)
Vcc = 12V
Vo = 3.3V
1.2
1.4
1.6
1.8
2
-50
050
100
150
Tj (°C)
Iq (mA)
Vcc = 12V
DC = 0%




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl