Selected language     English  ▼


E-L293DD Datasheet(PDF) 8 Page - STMicroelectronics

Part No. E-L293DD
Description  2.5 A switch step down switching regulator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 8 page
background image
Typical characteristics
L5973D
8/17
Figure 8.
Junction temperature vs
output current
Figure 9.
Junction temperature vs
output current
Figure 10.
Efficiency vs output current
Figure 11.
Efficiency vs output current
20
30
40
50
60
70
80
90
100
110
120
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8 2
2.2 2.4 2.6
Io(A)
Tj(°C)
Vin=5V
Tamb=25°C
Vo=2.5V
Vo=3.3V
Vo=1.8V
20
30
40
50
60
70
80
90
100
110
120
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
Io (A)
Tj (°C)
Vin=12V
Tamb=25°C
Vo=3.3V
Vo=2.5V
Vo=5V
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
0.1
0.3 0.5 0.7
0.9 1.1
1.3 1.5 1.7
1.9
2.1 2.3
Io (A)
Vo=2.5V
Vo=3.3V
Vo=1.8V
Vin=5V
65
67
69
71
73
75
77
79
81
83
85
87
89
91
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7
1.9 2.1 2.3
Io (A)
Vo=2.5V
Vo=3.3V
Vo=5V
Vin=12V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl