Selected language     English  ▼


E-L293DD Datasheet(PDF) 1 Page - STMicroelectronics

Part No. E-L293DD
Description  2.5 A switch step down switching regulator
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 1 page
background image
January 2008
Rev 16
1/17
17
L5973D
2.5 A switch step down switching regulator
Features
2.5 A internal switch
Operating input voltage from 4 V to 36 V
3.3 V / (±2%) reference voltage
Output voltage adjustable from 1.235 V to 35 V
Low dropout operation: 100 % duty cycle
250 kHz internally fixed frequency
Voltage feedforward
Zero load current operation
Internal current limiting
Inhibit for zero current consumption
Synchronization
Protection against feedback disconnection
Thermal shutdown
Applications
Consumer: STB, DVD, TV, VCR, car radio,
LCD monitors
Networking: XDSL, modems, DC-DC modules
Computer: printers, audio/graphic cards,
optical storage, hard disk drive
Industrial: changers, car battery, DC-DC
converters
Figure 1.
Test application circuit
Description
The L5973D is a step down monolithic power
switching regulator with a minimum switch current
limit of 2.5 A so it is able to deliver more than 2 A
DC current to the load depending on the
application conditions.
The output voltage can be set from 1.235 V to
35 V. The high current level is also achieved
thanks to an SO8 package with exposed frame,
that allows to reduce the Rth(j-amb) down to
approximately 40 °C/W.
The device uses an internal P-channel D-MOS
transistor (with a typical Rdson of 250 m
Ω) as
switching element to minimize the size of the
external components.
An internal oscillator fixes the switching frequency
at 250 kHz.
Having a minimum input voltage of 4 V only, it is
particularly suitable for 5 V bus, available in all
computer related applications.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
HSOP8 exposed pad
www.st.com
D03IN1439
8
4
5
1
7
L5973D
C1
10
µF
35V
CERAMIC
C2
330
µF
10V
VOUT=3.3V
VIN = 4.4V to 35V
R1
5.6K
R2
3.3K
R3
4.7K
C4
22nF
C3
220pF
3
L1 15
µH
D1
STPS340U
COMP
VCC
OUT
FB
GND
INH
2
6
3.3V
SYNC.
VREF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl