Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ11A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SMAJ11A
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAJ11A Datasheet(HTML) 1 Page - Diodes Incorporated

  SMAJ11A Datasheet HTML 1Page - Diodes Incorporated SMAJ11A Datasheet HTML 2Page - Diodes Incorporated SMAJ11A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS19005 Rev. 9 - 2
1 of 3
SMAJ5.0(C)A - SMAJ170(C)A
SMAJ5.0(C)A - SMAJ170(C)A
400W SURFACE MOUNT TRANSIENT VOLTAGE
SUPPRESSOR
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA =25°C)
(Note 1)
PPK
400
W
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
(Notes 1, 2, & 3)
IFSM
40
A
Instantaneous Forward Voltage
@ IPP = 35A
(Notes 1, 2, & 3)
VF
3.5
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
·
400W Peak Pulse Power Dissipation
·
5.0V - 170V Standoff Voltages
·
Glass Passivated Die Construction
·
Uni- and Bi-Directional Versions Available
·
Excellent Clamping Capability
·
Fast Response Time
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: SMA, Transfer Molded Epoxy
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity Indicator: Cathode Band
(Note: Bi-directional devices have no polarity
indicator.)
·
Marking: Date Code and Marking Code
See Page 3
·
Weight: 0.064 grams (approx.)
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
3. Unidirectional units only.


Similar Part No. - SMAJ11A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SMAJ11A MERITEK-SMAJ11A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Galaxy Semi-Conductor H...
SMAJ11A BILIN-SMAJ11A Datasheet
775Kb / 7P
   Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
SMAJ11A AOSMD-SMAJ11A Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
Jinan Gude Electronic D...
SMAJ11A JGD-SMAJ11A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SMAJ11A SPSEMI-SMAJ11A Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results

Similar Description - SMAJ11A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com