Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HOA086X087X Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # HOA086X087X
Description  Phototransistor output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HOA086X087X Datasheet(HTML) 3 Page - Honeywell Accelerometers

  HOA086X087X Datasheet HTML 1Page - Honeywell Accelerometers HOA086X087X Datasheet HTML 2Page - Honeywell Accelerometers HOA086X087X Datasheet HTML 3Page - Honeywell Accelerometers HOA086X087X Datasheet HTML 4Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transmissive Sensor
HOA086X/087X
IRED Forward Bias Characteristics
gra_092.ds4
Forward voltage - V
0
10
20
30
40
50
60
70
80
90
100
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Pulsed
condition
T
A = 25 °C
T
A = 80 °C
T
A = -40 °C
Fig. 1
Non-Saturated Switching Time vs
Load Resistance
gra_093.ds4
Load resistance - Ohms
1
10
100
10
100
1000
10000
Fig. 2
Dark Current vs
Temperature
gra_301.cdr
Fig. 3
Collector Current vs
Ambient Temperature
gra_095.ds4
Free-air temperature - °C
0.0
0.6
1.2
-50
0.4
0.2
0.8
1.0
-25
0
25
50
100
75
Fig. 4
All Performance Curves Show Typical Values
PART NUMBER GUIDE
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
276


Similar Part No. - HOA086X087X

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
   Transmissive Sensor
logo
Honeywell Accelerometer...
HOA086X HONEYWELL-ACC-HOA086X Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA086X HONEYWELL-ACC-HOA086X Datasheet
491Kb / 4P
   Transmissive Sensor
HOA086X HONEYWELL-ACC-HOA086X Datasheet
491Kb / 4P
   Phototransistor output
HOA086X HONEYWELL-ACC-HOA086X Datasheet
491Kb / 4P
   Transmissive Sensor
More results

Similar Description - HOA086X087X

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HOA0860-N55 HONEYWELL-ACC-HOA0860-N55 Datasheet
491Kb / 4P
   Phototransistor output
HOA0890-T51 HONEYWELL-ACC-HOA0890-T51 Datasheet
326Kb / 4P
   Phototransistor output
HOA0880-L51 HONEYWELL-ACC-HOA0880-L51 Datasheet
442Kb / 4P
   Phototransistor output
logo
Vishay Siliconix
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
logo
COSMO Electronics Corp...
KT101W COSMO-KT101W Datasheet
157Kb / 8P
   4Pin Phototransistor Output
logo
Vishay Siliconix
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com