Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD5620 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # SD5620
Description  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SD5620 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  SD5620 Datasheet HTML 1Page - Honeywell Accelerometers SD5620 Datasheet HTML 2Page - Honeywell Accelerometers SD5620 Datasheet HTML 3Page - Honeywell Accelerometers SD5620 Datasheet HTML 4Page - Honeywell Accelerometers SD5620 Datasheet HTML 5Page - Honeywell Accelerometers SD5620 Datasheet HTML 6Page - Honeywell Accelerometers SD5620 Datasheet HTML 7Page - Honeywell Accelerometers SD5620 Datasheet HTML 8Page - Honeywell Accelerometers SD5620 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Solid, sensitive solutions.
Optoelectronics integrates optical
principles and semi-conductor electronics — the inter-conversion
of electricity to light. In electronic systems where feedback and
control systems are common, these infrared sensors are often
critical.
Honeywell Sensing and Control (S&C) offers a broad selection of
often reliable, cost-effective, off-the-shelf optoelectronic sensor
solutions for many potential applications — including printers and
copiers, metering and data storage systems, liquid-level sensing,
motion control, scanning, automated transactions, barcode
readers, drop sensors, and other medical equipment. We also
provide a wide array of custom solutions ranging from special
electrical selections, special markings, wiring, and connectors to
completely unique housings or integrated circuits.
FEATURES
REFLECTIVE SENSORS
HOA1395.
Features:
Side-looking plastic package
• Phototransistor output • Infrared emitter
and phototransistor detector in a single
package • Low profile for design flexibility
• Designed for short-distance detection
• Enhanced sensitivity • Unfocused for
sensing diffused surfaces
Benefits:
Miniature infrared sensor
designed to sense reflective objects at
short distances. Infrared emitter and
phototransistor are mounted side-by-side
with an integral barrier to minimize cross-
talk.
HOA0149.
Features:
Phototransistor output
• Focused for maximum response
• Low-profile housing • Plastic ABS
molded housing
Benefits:
An infrared emitter and
phototransistor encased side-by-side on
converging optical axes. Phototransistor
Infrared Sensors
Line Guide
continued on page 10
responds to radiation from an infrared
transmitter only when a reflective object
passes within its field of view.
HOA1180.
Features:
Choice of phototransistor
or photodarlington output • Enhanced
sensitivity • Wide operating temperature
-55 °C to 100 °C [-67 °F to 212 °F] • 305
mm [12 in] min. 28 AWG PVC insulated
wire leads • Metal can packaged
components
Benefits:
Consists of an infrared emitter
and phototransistor or photodarlington
encased side-by-side on converging
axes. Detector responds to radiation from
an infrared emitter only when a reflective
object passes within its field of view.
HOA1397.
Features:
Choice of phototransistor or
photodarlington output • Low profile for
design sensitivity • Unfocused for sensing
diffused surfaces • Plastic-molded
components
Benefits:
An infrared emitter and
phototransistor or photodarlington
encased side-by-side on parallel axes.
Detector responds to radiation from
infrared emitter only when a reflective
object passes within its field of view.
Potential applications include presence
sensing, motion sensing, movement
detection, and counting.
HOA1405.
Features:
Phototransistor output
• Focused for maximum response
• Ambient light and dust protective filter
• Plastic-molded components
Benefits:
An infrared emitter and
phototransistor encased side-by-side on
converging optical axes. Phototransistor
responds to radiation from an infrared
emitter only when a reflective object
passes within its field of view. Employs
an IR transmissive filter to minimize the
effects of visible ambient light and to
provide a smooth optical face which
prevents the accumulation of airborne
Unless otherwise noted,
potential applications include printers and copiers, motion control systems, metering systems, liquid-level
sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.


Similar Part No. - SD5620

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD5620 ETC1-SD5620 Datasheet
257Kb / 2P
   Hermetic Optoschmitts
logo
Honeywell Accelerometer...
SD5620 HONEYWELL-ACC-SD5620 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - SD5620

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com