Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5289-1 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # 1N5289-1
Description  Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

1N5289-1 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  1N5289-1 Datasheet HTML 1Page - Aeroflex Circuit Technology 1N5289-1 Datasheet HTML 2Page - Aeroflex Circuit Technology 1N5289-1 Datasheet HTML 3Page - Aeroflex Circuit Technology 1N5289-1 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused.
Revision Date: 8/29/2012
Aeroflex / Metelics, Inc.
975 Stewart Drive,
54 Grenier Field Road,
Sunnyvale, CA 94085
Londonderry, NH 03053
Tel: (408) 737-8181
Tel: (603) 641-3800
Fax: (408) 733-7645
Fax: (603)-641-3500
Sales: 888-641-SEMI (7364)
Hi-Rel Components
9 Hampshire Street,
Lawrence, MA 01840
Tel: (603) 641-3800
Fax: (978) 683-3264
www.aeroflex.com/metelics-hirelcomponents
Aeroflex / Metelics, Inc. reserves the right to make changes to any products and services
herein at any time without notice. Consult Aeroflex or an authorized sales representative to
verify that the information in this data sheet is current before using this product. Aeroflex
does not assume any responsibility or liability arising out of the application or use of any
product or service described herein, except as expressly agreed to in writing by Aeroflex;
nor does the purchase, lease, or use of a product or service from Aeroflex convey a license
under any patent rights, copyrights, trademark rights, or any other of the intellectual rights
of Aeroflex or of third parties.
Copyright 2012 Aeroflex / Metelics. All rights reserved.
www.aeroflex.com/metelics
metelics-sales@aeroflex.com
ISO 9001: 2008 certified companies
1N5283-1 thru 1N5314-1 &
1N7048-1 thru 1N7055-1
LEADED DESIGN DATA
CASE: Hermetically sealed glass, DO – 7
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
Marking: Part number and cathode band
Weight: 0.2 grams
POLARITY: Diode to be operated with the banded (cathode) end negative
MOUNTING POSITION: Any
0.107
2.718
MAX
DIA
POLARITY
BAND
(CATHODE)
0.018 / 0.022
0.457 / 0.559
DIA.
0.300
3.620
MAX
1.000
25.400
MIN
All dimensions in INCH
mm
1.000
25.400
MIN
Outline Drawing


Similar Part No. - 1N5289-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5289-1 CDI-DIODE-1N5289-1 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Aeroflex Circuit Techno...
1N5289-1 AEROFLEX-1N5289-1 Datasheet
517Kb / 4P
   Current Regulator Diode Series
logo
M/A-COM Technology Solu...
1N5289-1 MA-COM-1N5289-1 Datasheet
726Kb / 5P
   High Source Impedance
More results

Similar Description - 1N5289-1

ManufacturerPart #DatasheetDescription
logo
MMD Components
USAA1 MMD-USAA1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
logo
List of Unclassifed Man...
0R ETC-0R Datasheet
135Kb / 2P
   “0R” Series – 1/8" thru 3/4" Ports
logo
Amphenol Corporation
04410310003 AMPHENOL-04410310003 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
04410310004 AMPHENOL-04410310004 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000102 AMPHENOL-0441041000102 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000302 AMPHENOL-0441041000302 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000402 AMPHENOL-0441041000402 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
   RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
04410310002 AMPHENOL-04410310002 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com