Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

802-RF412.25M-A Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 802-RF412.25M-A
Description  CDMA 450 L-Band, RF-Tx SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

802-RF412.25M-A Datasheet(HTML) 2 Page - Oscilent Corporation

  802-RF412.25M-A Datasheet HTML 1Page - Oscilent Corporation 802-RF412.25M-A Datasheet HTML 2Page - Oscilent Corporation 802-RF412.25M-A Datasheet HTML 3Page - Oscilent Corporation 802-RF412.25M-A Datasheet HTML 4Page - Oscilent Corporation 802-RF412.25M-A Datasheet HTML 5Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Oscilent Part Number
802-RF412.25M-A
January 2010 Rev A
CDMA 450 L-Band, RF/Rx SAW Filter
Product Specification
P. 1
www.oscilent.com
Mechanical Dimensions (mm)
Test Circuit
Source and Load Impedance: 50
Pin Description
A, C, D, F Ground
E In
B Out


Similar Part No. - 802-RF412.25M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF412.5M-A OSCILENT-802-RF412.5M-A Datasheet
170Kb / 3P
   CDMA450, RF-Tx SAW Filter
802-RF412.75M-B OSCILENT-802-RF412.75M-B Datasheet
139Kb / 5P
   CDMA 450 L-Band, RF-Tx SAW Filter
More results

Similar Description - 802-RF412.25M-A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-RF412.25M-A OSCILENT-803-RF412.25M-A_14 Datasheet
138Kb / 5P
   CDMA 450 L-Band, RF/Tx SAW Filter
803-RF412.5M-C OSCILENT-803-RF412.5M-C Datasheet
140Kb / 5P
   CDMA 450 L-Band, RF/Tx SAW Filter
logo
Transko Electronics, In...
TA412CM2 TRANSKO-TA412CM2 Datasheet
441Kb / 4P
   CDMA 450 L-Band, RF-Tx SAW Filter
Revision 0: April 2012
TA412AP TRANSKO-TA412AP Datasheet
311Kb / 4P
   CDMA 450 L-Band, RF-Tx SAW Filter
Revision 0: September 2004
TA412AM TRANSKO-TA412AM Datasheet
301Kb / 4P
   CDMA 450 L-Band, RF-Tx SAW Filter
Revision 0: November 2006
TA412CP TRANSKO-TA412CP Datasheet
315Kb / 4P
   CDMA 450 L-Band, RF-Tx SAW Filter
Revision 0: June 2008
logo
Oscilent Corporation
862-RF412.5M-C OSCILENT-862-RF412.5M-C Datasheet
137Kb / 5P
   CDMA 450 L-Band, RF/Tx SAW Filter
logo
Transko Electronics, In...
TA412CM1 TRANSKO-TA412CM1 Datasheet
353Kb / 4P
   CDMA 450 L-Band, RF-Tx SAW Filter
Revision 0: December 2006
logo
Oscilent Corporation
802-RF412.75M-B OSCILENT-802-RF412.75M-B Datasheet
139Kb / 5P
   CDMA 450 L-Band, RF-Tx SAW Filter
logo
Transko Electronics, In...
TA411BM TRANSKO-TA411BM Datasheet
321Kb / 4P
   CDMA 450 L-Band, RF-Tx SAW Filter
Revision 0: September 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com