Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR1021SF62 Datasheet(PDF) 10 Page - Dynex Semiconductor

Part # DCR1021SF62
Description  Phase Control Thyristor Target Information
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1021SF62 Datasheet(HTML) 10 Page - Dynex Semiconductor

Back Button DCR1021SF62 Datasheet HTML 3Page - Dynex Semiconductor DCR1021SF62 Datasheet HTML 4Page - Dynex Semiconductor DCR1021SF62 Datasheet HTML 5Page - Dynex Semiconductor DCR1021SF62 Datasheet HTML 6Page - Dynex Semiconductor DCR1021SF62 Datasheet HTML 7Page - Dynex Semiconductor DCR1021SF62 Datasheet HTML 8Page - Dynex Semiconductor DCR1021SF62 Datasheet HTML 9Page - Dynex Semiconductor DCR1021SF62 Datasheet HTML 10Page - Dynex Semiconductor DCR1021SF62 Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DCR1021SF
10/11
www.dynexsemi.com
POWER ASSEMBLY CAPABILITY
The Power Assembly group was set up to provide a support service for those customers requiring more than the basic
semiconductor, and has developed a flexible range of heatsink and clamping systems in line with advances in device voltages and
current capability of our semiconductors.
We offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today. The
Assembly group continues to offer high quality engineering support dedicated to designing new units to satisfy the growing needs of
our customers.
Using the latest CAD methods our team of design and applications engineers aim to provide the Power Assembly Complete
Solution (PACs).
DEVICE CLAMPS
Disc devices require the correct clamping force to ensure their safe operation. The PACS range includes a varied selection of pre-
loaded clamps to suit all of our manufactured devices. Types available include cube clamps for single side cooling of ‘T’ 23mm and
‘E’ 30mm discs, and bar clamps right up to 83kN for our ‘Z’ 100mm thyristors and diodes.
Clamps are available for single or double side cooling, with high insulation versions for high voltage assemblies.
Please refer to our application note on device clamping, AN4839
HEATSINKS
The Power Assembly group has its own proprietary range of extruded aluminium heatsinks. They have been designed to optimise
the performance of Dynex semiconductors. Data with respect to air natural, forced air and liquid cooling (with flow rates) is
available on request.
For further information on device clamps, heatsinks and assemblies, please contact your nearest sales representative or customer
service office.
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature of power semiconductors
AN4506
Recommendations for clamping power semiconductors
AN4839
Thyristor and diode measurement with a multi-meter
AN4853
Use of V
TO
, r
T
on-state characteristic
AN5001


Similar Part No. - DCR1021SF62

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1020N50 DYNEX-DCR1020N50 Datasheet
396Kb / 10P
   Phase Control Thyristor
DCR1020N50 DYNEX-DCR1020N50 Datasheet
496Kb / 10P
   Phase Control Thyristor
DCR1020N52 DYNEX-DCR1020N52 Datasheet
396Kb / 10P
   Phase Control Thyristor
DCR1020N52 DYNEX-DCR1020N52 Datasheet
496Kb / 10P
   Phase Control Thyristor
DCR1020N52 DYNEX-DCR1020N52_15 Datasheet
496Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR1021SF62

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
   Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
   Phase Control Thyristor Target Information
DCR840F DYNEX-DCR840F Datasheet
139Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR720E DYNEX-DCR720E Datasheet
134Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR1910V85 DYNEX-DCR1910V85 Datasheet
142Kb / 9P
   Phase Control Thyristor Preliminary Information
DGT408BRP DYNEX-DGT408BRP Datasheet
170Kb / 6P
   Reverse Blocking Gate Turn-off Thyristor Target Information
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com