Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR1374SBA Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DCR1374SBA
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1374SBA Datasheet(HTML) 1 Page - Dynex Semiconductor

  DCR1374SBA Datasheet HTML 1Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 2Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 3Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 4Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 5Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 6Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 7Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DCR1374SBA
1/9
www.dynexsemi.com
FEATURES
s
Double Side Cooling
s
High Surge Capability
s
Low Turn-on Losses
APPLICATIONS
s
High Voltage Power Converters
s
DC Motor Control
s
High Voltage Power Supplies
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table.
For example:
DCR1374SBA16
Note: Please use the complete part number when ordering and
quote this number in any future correspondance relating to your
order.
KEY PARAMETERS
V
DRM
1800V
I
T(AV)
(max)
2694A
I
TSM
(max)
50000A
dV/dt
1000V/
µs
dI/dt
1000A/
µs
DCR1374SBA
Phase Control Thyristor
Replaces February 2001 version, DS4597-5.1
DS4597-5.2 July 2001
Conditions
T
vj = 0˚ to 125˚C,
I
DRM = IRRM = 150mA,
V
DRM, VRRM tp = 10ms,
V
DSM & VRSM =
V
DRM & VRRM + 100V
respectively
Lower voltage grades available.
1800
1600
1400
1200
1000
800
DCR1374SBA18
DCR1374SBA16
DCR1374SBA14
DCR1374SBA12
DCR1374SBA10
DCR1374SBA08
Part and Ordering
Number
Repetitive Peak
Voltages
V
DRM and VDRM
V
Fig. 1 Package outline
Outline type code: MU140
(See Package Details for further information)


Similar Part No. - DCR1374SBA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1375SBA DYNEX-DCR1375SBA Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA24 DYNEX-DCR1375SBA24 Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA24 DYNEX-DCR1375SBA24 Datasheet
781Kb / 9P
   Phase Control Thyristor
DCR1375SBA25 DYNEX-DCR1375SBA25 Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA25 DYNEX-DCR1375SBA25 Datasheet
781Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1374SBA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com