Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR1374SBA Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DCR1374SBA
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1374SBA Datasheet(HTML) 4 Page - Dynex Semiconductor

  DCR1374SBA Datasheet HTML 1Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 2Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 3Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 4Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 5Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 6Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 7Page - Dynex Semiconductor DCR1374SBA Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DCR1374SBA
4/9
www.dynexsemi.com
Parameter
Peak reverse and off-state current
Max. linear rate of rise of off-state voltage
Rate of rise of on-state current
Threshold voltage
On-state slope resistance
Delay time
Turn-off time
Latching current
Holding current
Test Conditions
At V
RRM/VDRM, Tcase = 125˚C
To 67% V
DRM, Tj = 125˚C
From 67% V
DRM to 4600A
Repetitive 50Hz
Gate source 20V, 20
Ω, Non-repetitive
t
r ≤ 0.5µs, Tj = 125˚C
At T
vj = 125˚C
At T
vj = 125˚C
V
D = 67% VDRM, gate source 30V, 15Ω
t
r = 0.5µs, Tj = 25˚C
I
T = 800A, tp = 1ms, Tj =125˚C,
V
R = 50V, dIRR/dt = 20A/µs,
V
DR = 67% VDRM,
dV
DR/dt = 20V/µs linear
T
j = 25˚C, VD = 10V
T
j = 25˚C, VG–K = ∞
Symbol
I
RRM/IRRM
dV/dt
dI/dt
V
T(TO)
r
T
t
gd
t
q
I
L
I
H
SURGE RATINGS
Units
mA
V/
µs
A/
µs
A/
µs
V
m
ns
µs
mA
mA
Max.
150
1000
500
1000
0.92
0.119
1.5
350
175
Min.
-
-
-
-
-
-
-
3001
-
-
Note 1: Typical value


Similar Part No. - DCR1374SBA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1375SBA DYNEX-DCR1375SBA Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA24 DYNEX-DCR1375SBA24 Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA24 DYNEX-DCR1375SBA24 Datasheet
781Kb / 9P
   Phase Control Thyristor
DCR1375SBA25 DYNEX-DCR1375SBA25 Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA25 DYNEX-DCR1375SBA25 Datasheet
781Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1374SBA

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com