Electronic Components Datasheet Search |
|
SM16B-SURS-TF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
SM16B-SURS-TF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page 1 • 3-point grip construction • Super fine wires are applicable • Shrouded header • Twin U-slot insulation displacement section SUR CONNECTOR 0.8mm pitch/Disconnectable Insulation displacement connectors Emboss Tape 1 0.5 Header outline ±0.05 ±0.05 ±0.1 ±0.1 0.8 0.7 1.2 3.9 0.5 1.2 0.7 ±0.05 ±0.05 ±0.1 ±0.1 0.8 Header outline 2.25 2 The world's first 0.8mm pitch wire-to-board insulation displacement connector. Side entry type is only 3.9mm depth and 1.75mm height after mounting on the PC board, and top entry type is only 2.2mm depth and 3.9mm height. Compared to the conventional 1.0mm pitch SSR connector, occupation space on the board is reduced by 34% (side entry type). Specifications ––––––––––––––––––– • Current rating: 0.5A AC, DC (AWG #32) 0.2A AC, DC (AWG #36) • Voltage rating: 30V DC • Temperature range: -25˚C to +85˚C (including temperature rise in applying electrical current) • Contact resistance: Initial value/ 20m Ω max. After environmental testing/ 40m Ω max. • Insulation resistance: 100M Ω min. • Withstanding voltage: 200V AC/minute • Applicable wire: Conductor size/ AWG #32, #36 Conductor/ 7 strands, tin-coated copper alloy Insulation O.D./ 0.39mm * Compliant with RoHS. * Refer to "General Instruction and Notice when using Terminals and Connectors" at the end of this catalog. * Contact JST for details. Standards –––––––––––––––––––––– 0 Recognized E60389 1CertifiedLR20812 Note: 1. The above figure is the figure viewed from the connector mounting side. 2. Tolerances are non-cumulative: ±0.05mm for all centers. 3. Dimensions above should serve as a guideline. Contact JST for details. Top entry type Side entry type |
Similar Part No. - SM16B-SURS-TF |
|
Similar Description - SM16B-SURS-TF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |