Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12BH341-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH341-GR
Description  4 AA Battery Holder with Snaps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH341-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH341-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specificationsaresubjecttochangewithoutnotice. Noliabilityorwarrantyimpliedbythisinformation. Environmentalcompliancebasedonproducerdocumentation.
PPResin
0.7mm65CSpringwire
-15°C~+95°C
BodyMaterial:
Spring:
Temperaturerating:
Dimensions:mm(in.)
4“AA”BatteryHolder
withSnaps
12BH341-GR
EPD-200654
25.80±.50
(1.01±.02)
109±.50
(4.29±.02)
13±.20
(.512±.008)
16.80±.50
(.66±.02)
1.20±.20
(.047±.008)
20±.50
(.787±.02)
60±.50
(2.36±.02)
100±.50
(3.94±.02)
2±.20
(.079±.008)
10±.50
(.39±.02)
13.20±.50
(.52±.02)
Date Last Revised: 3/10/10
SPECIFICATIONS
RoHSCompliant


Similar Part No. - 12BH341-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH341P-R-GR ETC2-12BH341P-R-GR Datasheet
87Kb / 1P
   Battery Holder 4 AA PC Leads w/ Ribbon
More results

Similar Description - 12BH341-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH344B-GR ETC2-12BH344B-GR Datasheet
39Kb / 1P
   4 AA Battery Holder with Snaps
12BH343B-GR ETC2-12BH343B-GR Datasheet
82Kb / 1P
   4 AA Battery Holder with Snaps
12BH347-GR ETC2-12BH347-GR Datasheet
124Kb / 1P
   4 AA Battery Holder with Snaps
12BH322B-GR ETC2-12BH322B-GR Datasheet
78Kb / 1P
   2 AA Battery Holder with Snaps
12BH310B-GR ETC2-12BH310B-GR Datasheet
115Kb / 1P
   10 AA Battery Holder with Snaps
12BH331B-GR ETC2-12BH331B-GR Datasheet
91Kb / 1P
   3 AA Battery Holder with Snaps
12BH365-GR ETC2-12BH365-GR Datasheet
38Kb / 1P
   6 AA Battery Holder with Snaps
12BH382B-GR ETC2-12BH382B-GR Datasheet
39Kb / 1P
   8 AA Battery Holder with Snaps
12BH361B-GR ETC2-12BH361B-GR Datasheet
98Kb / 1P
   6 AA Battery Holder with Snaps
12BH347-R-GR ETC2-12BH347-R-GR Datasheet
54Kb / 1P
   4 AA Battery Holder with Snaps and Ribbon
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com