Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR1374SBA14 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DCR1374SBA14
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1374SBA14 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DCR1374SBA14 Datasheet HTML 1Page - Dynex Semiconductor DCR1374SBA14 Datasheet HTML 2Page - Dynex Semiconductor DCR1374SBA14 Datasheet HTML 3Page - Dynex Semiconductor DCR1374SBA14 Datasheet HTML 4Page - Dynex Semiconductor DCR1374SBA14 Datasheet HTML 5Page - Dynex Semiconductor DCR1374SBA14 Datasheet HTML 6Page - Dynex Semiconductor DCR1374SBA14 Datasheet HTML 7Page - Dynex Semiconductor DCR1374SBA14 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DCR1374SBA
5/9
www.dynexsemi.com
Parameter
Gate trigger voltage
Gate trigger current
Gate non-trigger voltage
Peak forward gate voltage
Peak forward gate voltage
Peak reverse gate voltage
Peak forward gate current
Peak gate power
Mean gate power
Test Conditions
V
DRM = 5V, Tcase = 25
oC
V
DRM = 5V,
T
case = 25
oC
At V
DRM Tcase = 125
oC
Anode positive with respect to cathode
Anode negative with respect to cathode
-
Anode positive with respect to cathode
See table fig. 5
-
Symbol
V
GT
I
GT
V
GD
V
FGM
V
FGN
V
RGM
I
FGM
P
GM
P
G(AV)
GATE TRIGGER CHARACTERISTICS AND RATINGS
Max.
3
350
0.25
30
0.25
5
30
150
10
Units
V
mA
V
V
V
V
A
W
W
CURVES
Fig.2 Maximum (limit) on-state characteristics
Fig.3 Power dissipation
0.5
1.0
1.5
2.0
Instantaneous on-state voltage, VT - (V)
0
2000
4000
6000
1000
3000
5000
7000
8000
Measured under pulse conditions
Tj = 125˚C
0
1000
2000
3000
4000
Mean on-state current IT(AV) - (A)
0
1000
2000
3000
4000
5000
d.c.
Half wave
3 phase
6 phase
V
TM EQUATION
V
TM
= A + Bln (I
T
) + C.I
T
+D.
√I
T
Where
A = 0.4846543
B = 8.508026 x 10–5
C = 0.05408984
D = 1.863019 x 10–3
these values are valid for T
j
= 125˚C for I
T
500A to 8000A


Similar Part No. - DCR1374SBA14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1375SBA DYNEX-DCR1375SBA Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA24 DYNEX-DCR1375SBA24 Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA24 DYNEX-DCR1375SBA24 Datasheet
781Kb / 9P
   Phase Control Thyristor
DCR1375SBA25 DYNEX-DCR1375SBA25 Datasheet
107Kb / 8P
   Phase Control Thyristor
DCR1375SBA25 DYNEX-DCR1375SBA25 Datasheet
781Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1374SBA14

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com