Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR1279SD44 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # DCR1279SD44
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1279SD44 Datasheet(HTML) 8 Page - Dynex Semiconductor

  DCR1279SD44 Datasheet HTML 1Page - Dynex Semiconductor DCR1279SD44 Datasheet HTML 2Page - Dynex Semiconductor DCR1279SD44 Datasheet HTML 3Page - Dynex Semiconductor DCR1279SD44 Datasheet HTML 4Page - Dynex Semiconductor DCR1279SD44 Datasheet HTML 5Page - Dynex Semiconductor DCR1279SD44 Datasheet HTML 6Page - Dynex Semiconductor DCR1279SD44 Datasheet HTML 7Page - Dynex Semiconductor DCR1279SD44 Datasheet HTML 8Page - Dynex Semiconductor DCR1279SD44 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DCR1279SD
8/9
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
2 holes Ø3.6 x 2.1 deep (One each side)
Ø76 max
Ø48 nom
Ø48 nom
Ø2.8
Cathode tab
Cathode
Anode
Gate
Nominal weight: 500g
Clamping force: 22kN
±10%
Lead length: 420mm
Lead terminal connector: M4 ring
Package outine type code: D
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Gate triggering and the use of gate characteristics
AN4840
Recommendations for clamping power semiconductors
AN4839
The effect of temperature on thyristor performance
AN4870
Thyristor and diode measurement with a multi-meter
AN4853
Turn-on performance of thyristors in parallel
AN4999
Use of V
TO
, r
T
on-state characteristic
AN5001


Similar Part No. - DCR1279SD44

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
DCR1279 AMMSEMI-DCR1279 Datasheet
1Mb / 6P
   Thyristor
More results

Similar Description - DCR1279SD44

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com