Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR1476SY37 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DCR1476SY37
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1476SY37 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DCR1476SY37 Datasheet HTML 1Page - Dynex Semiconductor DCR1476SY37 Datasheet HTML 2Page - Dynex Semiconductor DCR1476SY37 Datasheet HTML 3Page - Dynex Semiconductor DCR1476SY37 Datasheet HTML 4Page - Dynex Semiconductor DCR1476SY37 Datasheet HTML 5Page - Dynex Semiconductor DCR1476SY37 Datasheet HTML 6Page - Dynex Semiconductor DCR1476SY37 Datasheet HTML 7Page - Dynex Semiconductor DCR1476SY37 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
www.dynexsemi.com
DCR1476SY
CURVES
Fig.2 Maximum (limit) on-state characteristics
Fig.3 Dissipation curves
V
TM
Equation:-
V
TM
= A + Bln (I
T
) + C.I
T
+D.
√I
T
Where
A = 0.8659641
B = 0.03698496
C = 3.245389 x 10–4
D = –2.597435 x 10–3
these values are valid for T
j
= 125˚C for I
T
500A to 7000A
1.0
2.0
3.0
4.0
Instantaneous on-state voltage, VT - (V)
0
2000
4000
6000
8000
Measured under pulse conditions
Tj = 125˚C
0
1000
2000
3000
4000
Mean on-state current, IT(AV) - (A)
0
1000
2000
3000
4000
5000
6000
d.c.
Half wave
3 phase
6 phase
7000


Similar Part No. - DCR1476SY37

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1476SY42 DYNEX-DCR1476SY42 Datasheet
729Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1476SY37

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com