Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR1478SY48 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DCR1478SY48
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR1478SY48 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DCR1478SY48 Datasheet HTML 1Page - Dynex Semiconductor DCR1478SY48 Datasheet HTML 2Page - Dynex Semiconductor DCR1478SY48 Datasheet HTML 3Page - Dynex Semiconductor DCR1478SY48 Datasheet HTML 4Page - Dynex Semiconductor DCR1478SY48 Datasheet HTML 5Page - Dynex Semiconductor DCR1478SY48 Datasheet HTML 6Page - Dynex Semiconductor DCR1478SY48 Datasheet HTML 7Page - Dynex Semiconductor DCR1478SY48 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
www.dynexsemi.com
DCR1478SY
FEATURES
s
Double Side Cooling
s
High Surge Capability
s
High Mean Current
s
Fatigue Free
APPLICATIONS
s
High Power Drives
s
High Voltage Power Supplies
s
DC Motor Control
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table.
For example:
DCR1478SY48
Note: Please use the complete part number when ordering
and quote this number in any future correspondance relating
to your order.
KEY PARAMETERS
V
DRM
4800V
I
T(AV)
2073A
I
TSM
27500A
dVdt
1000V/
µs
dI/dt
300A/
µs
DCR1478SY
Phase Control Thyristor
Advance Information
Replaces January 2000 version, DS4646-5.
DS4646-6.0 July 2001
DCR1478SY48
DCR1478SY47
DCR1478SY46
DCR1478SY45
DCR1478SY44
Conditions
T
vj = 0˚ to 125˚C,
I
DRM = IRRM = 250mA,
V
DRM, VRRM tp = 10ms,
V
DSM & VRSM =
V
DRM & VRRM + 100V
respectively
Lower voltage grades available.
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
4800
4700
4600
4500
4400
Outline type code: Y
See Package Details for further information.
(The DCR1478 is also available in a thin package, type code V.
Please contact Customer Services for more information).
Fig. 1 Package outline


Similar Part No. - DCR1478SY48

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1478SY48 DYNEX-DCR1478SY48 Datasheet
729Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR1478SY48

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com