Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM51 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMM51
Description  500mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMM51 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMM51 Datasheet HTML 1Page - Diodes Incorporated ZMM51 Datasheet HTML 2Page - Diodes Incorporated ZMM51 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS18005 Rev. H-3
2 of 3
ZMM2V4-ZMM75
Type
Number
Nominal Zener
Voltage
(Note 1)
Zener
Voltage
Range
Maximum
Zener
Impedance
Maximum Zener
Impedance
Maximum
Leakage Current @ VR
Temperature
Coefficient
VZ @IZT
VZ @IZT
ZZT @IZT
ZZK @IZK
IR@
TJ = 25°C
IR@
TJ = 150°C
VR
(V)
(mA)
(V)
(W)(W)
(mA)
(µA)
(µA)
(V)
(%/K)
ZMM2V4
2.4
5.0
2.28 to 2.56
85
600
1.0
50
100
1.0
-0.09 to -0.06
ZMM2V7
2.7
5.0
2.5 to 2.9
85
600
1.0
10
50
1.0
-0.09 to -0.06
ZMM3V0
3.0
5.0
2.8 to 3.2
90
600
1.0
4.0
40
1.0
-0.08 to -0.05
ZMM3V3
3.3
5.0
3.1 to 3.5
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM3V6
3.6
5.0
3.4 to 3.8
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM3V9
3.9
5.0
3.7 to 4.1
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM4V3
4.3
5.0
4.0 to 4.6
90
600
1.0
1.0
20
1.0
-0.06 to -0.03
ZMM4V7
4.7
5.0
4.4 to 5.0
80
600
1.0
0.5
10
1.0
-0.05 to +0.02
ZMM5V1
5.1
5.0
4.8 to 5.4
60
550
1.0
0.1
2.0
1.0
-0.02 to +0.02
ZMM5V6
5.6
5.0
5.2 to 6.0
40
450
1.0
0.1
2.0
1.0
-0.05 to +0.05
ZMM6V2
6.2
5.0
5.8 to 6.6
10
200
1.0
0.1
2.0
2.0
0.03 to 0.06
ZMM6V8
6.8
5.0
6.4 to 7.2
8.0
150
1.0
0.1
2.0
3.0
0.03 to 0.07
ZMM7V5
7.5
5.0
7.0 to 7.9
7.0
50
1.0
0.1
2.0
5.0
0.03 to 0.07
ZMM8V2
8.2
5.0
7.7 to 8.7
7.0
50
1.0
0.1
2.0
6.2
0.03 to 0.08
ZMM9V1
9.1
5.0
8.5 to 9.6
10
50
1.0
0.1
2.0
6.8
0.03 to 0.09
ZMM10
10
5.0
9.4 to 10.6
15
70
1.0
0.1
2.0
7.5
0.03 to 0.10
ZMM11
11
5.0
10.4 to 11.6
20
70
1.0
0.1
2.0
8.2
0.03 to 0.11
ZMM12
12
5.0
11.4 to 12.7
20
90
1.0
0.1
2.0
9.1
0.03 to 0.11
ZMM13
13
5.0
12.4 to 14.1
26
110
1.0
0.1
2.0
10
0.03 to 0.11
ZMM15
15
5.0
13.8 to 15.6
30
110
1.0
0.1
2.0
11
0.03 to 0.11
ZMM16
16
5.0
15.3 to 17.1
40
170
1.0
0.1
2.0
12
0.03 to 0.11
ZMM18
18
5.0
16.8 to 19.1
50
170
1.0
0.1
2.0
13
0.03 to 0.11
ZMM20
20
5.0
18.8 to 21.2
55
220
1.0
0.1
2.0
15
0.03 to 0.11
ZMM22
22
5.0
20.8 to 23.3
55
220
1.0
0.1
2.0
16
0.04 to 0.12
ZMM24
24
5.0
22.8 to 25.6
80
220
1.0
0.1
2.0
18
0.04 to 0.12
ZMM27
27
5.0
25.1 to 28.9
80
220
1.0
0.1
2.0
20
0.04 to 0.12
ZMM30
30
5.0
28 to 32
80
220
1.0
0.1
2.0
22
0.04 to 0.12
ZMM33
33
5.0
31 to 35
80
220
1.0
0.1
2.0
24
0.04 to 0.12
ZMM36
36
5.0
34 to 38
80
220
1.0
0.1
2.0
27
0.04 to 0.12
ZMM39
39
2.5
37 to 41
90
500
0.5
0.1
5.0
30
0.04 to 0.12
ZMM43
43
2.5
40 to 46
90
600
0.5
0.1
5.0
33
0.04 to 0.12
ZMM47
47
2.5
44 to 50
110
700
0.5
0.1
5.0
36
0.04 to 0.12
ZMM51
51
2.5
48 to 54
125
700
0.5
0.1
10
39
0.04 to 0.12
ZMM56
56
2.5
52 to 60
135
1000
0.5
0.1
10
43
0.04 to 0.12
ZMM62
62
2.5
58 to 66
150
1000
0.5
0.1
10
47
0.04 to 0.12
ZMM68
68
2.5
64 to 72
200
1000
0.5
0.1
10
51
0.04 to 0.12
ZMM75
75
2.5
70 to 79
250
1500
0.5
0.1
10
56
0.04 to 0.12
Notes:
1. Tested with pulses tp = 20 ms.
2. Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics @ TA = 25°C unless otherwise specified
NOT FOR NEW DESIGN,
USE BZT52C2V4 - BZT52C51


Similar Part No. - ZMM51

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM51 SEMTECH-ZMM51 Datasheet
594Kb / 8P
   SILICON PLANAR POWER ZENER DIODES?
logo
Shenzhen Jin Yu Semicon...
ZMM51 HTSEMI-ZMM51 Datasheet
1Mb / 8P
   SILICON PLANAR ZENER DIODES
logo
Bytesonic Electronics C...
ZMM51 BYTESONIC-ZMM51 Datasheet
481Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
Shanghai Lunsure Electr...
ZMM51 CHENYI-ZMM51 Datasheet
449Kb / 8P
   0.5W SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZMM51 DIOTEC-ZMM51 Datasheet
348Kb / 3P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM51

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_1 Datasheet
99Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com