Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR504ST13 Datasheet(PDF) 7 Page - Dynex Semiconductor

Part # DCR504ST13
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR504ST13 Datasheet(HTML) 7 Page - Dynex Semiconductor

  DCR504ST13 Datasheet HTML 1Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 2Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 3Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 4Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 5Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 6Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 7Page - Dynex Semiconductor DCR504ST13 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
www.dynexsemi.com
DCR504ST
PACKAGE DETAILS
For further package information, please contact your nearest Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
6.3
Cathode tab
Gate
Ø1.5
Ø19nom
Hole 3.6 x 2.0 deep
(in both electrodes)
Cathode
Anode
Ø19nom
Ø 42 max
Nominal weight: 55g
Clamping force: 4.5kN ±10%
Lead length: 205mm
Lead terminal connector: M4 ring
Package outine type code: T


Similar Part No. - DCR504ST13

ManufacturerPart #DatasheetDescription
logo
Insel Rectifier India P...
DCR504ST1212 IRI-DCR504ST1212 Datasheet
862Kb / 6P
   PHASE CONTROL THYRISTOR
DCR504ST1414 IRI-DCR504ST1414 Datasheet
862Kb / 6P
   PHASE CONTROL THYRISTOR
DCR504ST1616 IRI-DCR504ST1616 Datasheet
862Kb / 6P
   PHASE CONTROL THYRISTOR
More results

Similar Description - DCR504ST13

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com