Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTR-536AD Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTR-536AD
Description  HIGH PHOTO SENSITIVITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTR-536AD Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTR-536AD Datasheet HTML 1Page - Lite-On Technology Corporation LTR-536AD Datasheet HTML 2Page - Lite-On Technology Corporation LTR-536AD Datasheet HTML 3Page - Lite-On Technology Corporation LTR-536AD Datasheet HTML 4Page - Lite-On Technology Corporation LTR-536AD Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LITE-ON
TECHNOLOGY CORPORATION.
P r o p e r t y o f L i t e - O n O n l y
FEATURES
* HIGH PHOTO SENSITIVITY
* SUITABLE FOR INFRARED RADIATION
* LOW JUNCTION CAPACITANCE
* HIGH CUT-OFF FREQUENCY
* FAST SWITCHING TIME
* THE LTR-536AD IS A SPECIAL DARK GREEN PLASTIC PACKAGE THAT CUT THE VISIBLE
LIGHT AND SUITABLE FOR THE DETECTORS OF INFRARED APPLICATIONS
PACKAGE DIMENSIONS
NOTES:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Protruded resin under flange is 1.5mm(.059") max.
4. Lead spacing is measured where the leads emerge from the package.
5. Specifications are subject to change without notice.
Part No. : LTR-536AD DATA SHEET
Page :
1
of
4
BNS-OD-C131/A4


Similar Part No. - LTR-536AD

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-507ALS-01 LITEON-LTR-507ALS-01 Datasheet
957Kb / 40P
   Optical Sensor
LTR-507ALS-WA LITEON-LTR-507ALS-WA Datasheet
957Kb / 40P
   Optical Sensor
LTR-516AB LITEON-LTR-516AB Datasheet
282Kb / 5P
   IR Emitter and Detector
LTR-516AD LITEON-LTR-516AD Datasheet
85Kb / 4P
   HIGH PHOTO SENSITIVITY
LTR-526AB LITEON-LTR-526AB Datasheet
281Kb / 5P
   IR Emitter and Detector
More results

Similar Description - LTR-536AD

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-546AD LITEON-LTR-546AD Datasheet
146Kb / 4P
   HIGH PHOTO SENSITIVITY
LTR-516AD LITEON-LTR-516AD Datasheet
85Kb / 4P
   HIGH PHOTO SENSITIVITY
logo
Sharp Corporation
GP2L04 SHARP-GP2L04 Datasheet
135Kb / 4P
   SUBMINIATURE HIGH SENSITIVITY PHOTO INTERRUPTER
logo
KODENSHI_AUK CORP.
ST-309 KODENSHI-ST-309 Datasheet
261Kb / 2P
   Photo transistors(high-sensitivity Silicon phototransistor)
SP-101 KODENSHI-SP-101 Datasheet
229Kb / 2P
   Photo diodes(high-sensitivity photodiode mounted)
ST-1MLA KODENSHI-ST-1MLA Datasheet
243Kb / 2P
   Photo transistors(high-sensitivity NPN silicon phototransistors mounted)
ST-1CL3H KODENSHI-ST-1CL3H Datasheet
210Kb / 2P
   Photo transistors(high sensitivity NPN silicon phototransistor mounted)
ST-1MLAR2 KODENSHI-ST-1MLAR2 Datasheet
244Kb / 2P
   Photo transistors(high-sensitivity NPN silicon phototransistors mounted)
ST-325 KODENSHI-ST-325 Datasheet
272Kb / 2P
   Photo transistors(high sensitivity NPN silicon phototransistor mounted)
ST-313R4 KODENSHI-ST-313R4 Datasheet
295Kb / 2P
   Photo transistors(high-sensitivity Silicon phototransistor with two-phaseoutput)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com