Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR806SG26 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DCR806SG26
Description  Phase Control Thyristor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR806SG26 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DCR806SG26 Datasheet HTML 1Page - Dynex Semiconductor DCR806SG26 Datasheet HTML 2Page - Dynex Semiconductor DCR806SG26 Datasheet HTML 3Page - Dynex Semiconductor DCR806SG26 Datasheet HTML 4Page - Dynex Semiconductor DCR806SG26 Datasheet HTML 5Page - Dynex Semiconductor DCR806SG26 Datasheet HTML 6Page - Dynex Semiconductor DCR806SG26 Datasheet HTML 7Page - Dynex Semiconductor DCR806SG26 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.dynexsemi.com
6/8
DCR806SG
Fig.6 Maximum (limit) transient thermal impedance -
junction to case
Fig.7 Surge (non-repetitive) on-state current vs time (with
50% V
RRM
at T
case
125˚C)
20
15
10
5
0
110
1
2
3 4 5
50
ms
Cycles at 50Hz
Duration
250
300
I2t
I2t = Î2 x t
2
350
25
400
10
20 30
0.1
0.01
0.001
0.001
0.01
0.1
1.0
10
Time - (s)
Anode side cooled
Double side cooled
Conduction
Effective thermal resistance
Junction to case ˚C/W
Double side
0.032
0.034
0.044
0.057
Anode side
0.064
0.066
0.076
0.089
d.c.
Halfwave
3 phase 120˚
6 phase 60˚
Fig.4 Stored charge
Fig.5 Gate characteristics
0.1
1.0
10
100
Rate of decay of on-state current dI/dt - (A/µs)
10000
1000
100
Conditions:
QS is total integral stored charge
Tj = 125˚C
IT = 1250A
IT = 500A
Max. value
IT = 1250A
IT = 500A
Min. value
I
RR
Q
S
I
T
dI/dt
10
1
0.1
0.01
0.001
Gate trigger current, IGT - (A)
100
10
1
0.1
Region of certain
triggering
Upper
limit
99%
Low
er limit
99%
VGD
IFGM
Table gives pulse power PGM in Watts
Pulse width
µs
100
200
500
1ms
10ms
Frequency Hz
50
150
150
150
150
20
100
150
150
150
100
-
400
150
125
100
25
-


Similar Part No. - DCR806SG26

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR806SG28 DYNEX-DCR806SG28 Datasheet
195Kb / 10P
   Phase Control Thyristor
logo
Shenzhen Luguang Electr...
DCR806SG28 LUGUANG-DCR806SG28 Datasheet
242Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR806SG26

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com