Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR840F48 Datasheet(PDF) 8 Page - Dynex Semiconductor

Part # DCR840F48
Description  Phase Control Thyristor Preliminary Information
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR840F48 Datasheet(HTML) 8 Page - Dynex Semiconductor

  DCR840F48 Datasheet HTML 1Page - Dynex Semiconductor DCR840F48 Datasheet HTML 2Page - Dynex Semiconductor DCR840F48 Datasheet HTML 3Page - Dynex Semiconductor DCR840F48 Datasheet HTML 4Page - Dynex Semiconductor DCR840F48 Datasheet HTML 5Page - Dynex Semiconductor DCR840F48 Datasheet HTML 6Page - Dynex Semiconductor DCR840F48 Datasheet HTML 7Page - Dynex Semiconductor DCR840F48 Datasheet HTML 8Page - Dynex Semiconductor DCR840F48 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
www.dynexsemi.com
DCR840F
PACKAGE DETAILS
For further package information, please contact your nearest Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Hole Ø3.6x2.0 deep (in both electrodes)
Ø48 nom
Ø1.5
Cathode
Gate
Anode
Ø48 nom
Ø76 max
Nominal weight: 450g
Clamping force: 19.5kN ± 10%
Lead length: 420mm
Lead terminal connector: M4 ring
Package outline type code: F
Cathode tab


Similar Part No. - DCR840F48

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR803SG DYNEX-DCR803SG Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR803SG14 DYNEX-DCR803SG14 Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR803SG15 DYNEX-DCR803SG15 Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR803SG16 DYNEX-DCR803SG16 Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR803SG17 DYNEX-DCR803SG17 Datasheet
111Kb / 8P
   Phase Control Thyristor
More results

Similar Description - DCR840F48

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR720E DYNEX-DCR720E Datasheet
134Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR1910V85 DYNEX-DCR1910V85 Datasheet
142Kb / 9P
   Phase Control Thyristor Preliminary Information
DCR5980Z DYNEX-DCR5980Z Datasheet
126Kb / 9P
   Phase Control Thyristor Target Information
DCR1660Y DYNEX-DCR1660Y Datasheet
139Kb / 9P
   Phase Control Thyristor Target Information
DCR1021SF DYNEX-DCR1021SF Datasheet
211Kb / 11P
   Phase Control Thyristor Target Information
DCR1260Y DYNEX-DCR1260Y Datasheet
147Kb / 10P
   Phase Control Thyristor Target Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
   Dual Thyristor Water Cooled Module Preliminary Information
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
   Dual Thyristor Water Cooled Module Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com