Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12BH610-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH610-GR
Description  9V Battery Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH610-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH610-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS: mm (in.)
9V Battery Holder
12BH610-GR
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200581
Date Last Revised: 05/10/12
SPECIFICATIONS
ABS Resin, Black
6 prong snap
AWG#26
Black & Red 150mm ± 5mm
Strip & Tin 4mm ± 1mm
Material:
Terminal:
Wire:
RoHS Compliant
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
54.4±1
(2.14±.039)
150±5
(5.91±.20)
4±1
(.157±.04)
Black
Red
28.3±.50
(1.11±.02)
22±.50
(.866±.02)
ø2
(ø.079)
ø2
(ø.079)
1.5
(.059)
ø4
(ø.157)
30.3±.50
(1.19±.02)


Similar Part No. - 12BH610-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH612-GR ETC2-12BH612-GR Datasheet
38Kb / 1P
   1 9V Battery Holder with Solder Lugs
12BH613-GR ETC2-12BH613-GR Datasheet
78Kb / 1P
   9 Volt Battery Holder without Snaps
12BH614A-GR ETC2-12BH614A-GR Datasheet
203Kb / 1P
   9V Battery Holder
12BH616P-GR ETC2-12BH616P-GR Datasheet
101Kb / 1P
   9V Battery Holder
More results

Similar Description - 12BH610-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH614A-GR ETC2-12BH614A-GR Datasheet
203Kb / 1P
   9V Battery Holder
logo
SparkFun Electronics
PRT-10512 SPARKFUN-PRT-10512 Datasheet
123Kb / 1P
   9V Battery Holder
8/3/2016
logo
List of Unclassifed Man...
12BH616P-GR ETC2-12BH616P-GR Datasheet
101Kb / 1P
   9V Battery Holder
12BH612-GR ETC2-12BH612-GR Datasheet
38Kb / 1P
   1 9V Battery Holder with Solder Lugs
12BH9VCS-GR ETC2-12BH9VCS-GR Datasheet
85Kb / 2P
   9V Battery Holder with Leads, Cover, and Switch
12BH980-GR ETC2-12BH980-GR Datasheet
169Kb / 1P
   9V Battery Clip
logo
Bud Industries, Inc.
HH-3449 BUD-HH-3449 Datasheet
17Kb / 1P
   BATTERY CLIP-9V
logo
PowerDynamics, Inc
B23 POWERDYNAMICS-B23 Datasheet
44Kb / 1P
   1 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B26 POWERDYNAMICS-B26 Datasheet
45Kb / 1P
   2 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
logo
List of Unclassifed Man...
12BH095-GR ETC2-12BH095-GR Datasheet
76Kb / 1P
   9V Battery Clip Vertical
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com