Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3372-6302-AR Datasheet(PDF) 1 Page - 3M Electronics

Part # D3372-6302-AR
Description  3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

D3372-6302-AR Datasheet(HTML) 1 Page - 3M Electronics

  D3372-6302-AR Datasheet HTML 1Page - 3M Electronics D3372-6302-AR Datasheet HTML 2Page - 3M Electronics D3372-6302-AR Datasheet HTML 3Page - 3M Electronics D3372-6302-AR Datasheet HTML 4Page - 3M Electronics D3372-6302-AR Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MFour-Wall Header
.100” × .100” Latch/Ejector, Straight and Right Angle
D3000 Series
• Military (with 3M’s 3518 & N3518 polarizing key)
and centerbump polarization
• Optional ejector latches
• Mounting holes for securing header to board
• Optional polarizing posts available
• High temperature insulator suitable for “no lead”
soldering operations
• High temperature insulator in through-hole version
suitable for “paste in hole” reflow soldering
• RoHSCompliant.SeetheRegulatoryInformation
Appendix(RIA)inthe“RoHScompliance”sectionof
www.3Mconnectors.comforcomplianceinformation
(RIAE1andC1apply)
Date Modified: May 21, 2012
TS-2245-F
Sheet 1 of 4
Physical
Insulator:
Material: High Temp Glass Filled Polyester (PCT)
Flammability: UL 94V-0
Color: Black (PCT)
Contact:
Material: Brass
Plating:
Underplating: 50 -150 μ” [ 1.25 μm ] Ni
Wiping Area: 15 μ” [0.381 μm] Gold
Solder Tails: 40 - 120 μ” [ 1-3 μm ] Matte Tin
Marking: 3M Logo, Part Identification Number and Orientation Triangle
Electrical
Current Rating: 5.00 A, 1 Contact Powered
3.00 A, 6 Contacts Powered
1.75 A, All Contacts Powered
Rating Conditions: EIA-364-070 Method 2, 30°C maximum temperature rise, 20%
derated. Reference appropriate 3M Product Specification for detailed current
derating curves.
Insulation Resistance: >1 × 109 Ω at 500 V
DC
Withstanding Voltage: 1,000 VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: 260°C, profile per J-STD-020C, single pass
Moisture Sensitivity Level: 1 (per J-STD-020C)
UL File No.: E68080


Similar Part No. - D3372-6302-AR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D33020U2JH6 VISHAY-D33020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D33020U2JH6 VISHAY-D33020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
   Classic PL Desk Lamps
logo
Vishay Siliconix
D330G20C0GH6.J5R VISHAY-D330G20C0GH6.J5R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
D330G20C0GH6.J5R VISHAY-D330G20C0GH6.J5R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
More results

Similar Description - D3372-6302-AR

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N3431-5203RB 3M-N3431-5203RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
D3408-6002-AR 3M-D3408-6002-AR Datasheet
1Mb / 5P
   Four-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
3433-5005 3M-3433-5005 Datasheet
1Mb / 5P
   Four-Wall Header .100" 횞 .100" Latch/Ejector, Straight and Right Angle
3428-1303 3M-3428-1303 Datasheet
1Mb / 6P
   3M??Three-Wall Header .100??횞 .100??Latch/Ejector, Straight and Right Angle
N3429-630T02RB 3M-N3429-630T02RB Datasheet
1Mb / 5P
   3M??Four-Wall Header .100??횞 .100??Latch/Ejector, Straight, Compliant Pin
D3793-6202-AR 3M-D3793-6202-AR Datasheet
1Mb / 5P
   100??횞 .100??Latch/Ejector, Straight and Right Angle
N3408-6002RB 3M-N3408-6002RB Datasheet
1Mb / 5P
   .100 횞 .100 Latch/Ejector, Straight and Right Angle
N3793-2203RB 3M-N3793-2203RB Datasheet
1Mb / 6P
   .100 횞 .100 Latch/Ejector, Straight and Right Angle
3341-6 3M-3341-6 Datasheet
170Kb / 4P
   3M Pak 100 Header Accessories .100??횞 .100??Latch/Ejector
30326-6002HB 3M-30326-6002HB Datasheet
787Kb / 4P
   .100 횞 .100 Straight and Right Angle, Four-Wall
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com