Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121-0426T-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 121-0426T-GR
Description  T Type Battery Snaps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

121-0426T-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  121-0426T-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions:mm(in.)
“T”TypeBatterySnaps
121-0426/T-GR,121-0526/T-GR,121-0626/T-GR,
121-0826/T-GR,121-1026/T-GR
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200738
Date Last Revised: 8/19/09
SPECIFICATIONS
Material:
Terminal:
Wire:
Snaps:
P.V.C.Cover,BlackColor
6Prongs
AWG26,BlackandRed,Strip&Tin
NickelPlatedBrass
121-0426/T-GR
“T”4”26AWG
121-0526/T-GR
“T”5”26AWG
121-0626/T-GR
“T”6”26AWG
121-0826/T-GR
“T”8”26AWG
121-1026/T-GR
“T”10”26AWG
MouserStockNo.
A
Specificationsaresubjecttochangewithoutnotice. Noliabilityorwarrantyimpliedbythisinformation. Environmentalcompliancebasedonproducerdocumentation.
RoHSCompliant
6.2±.50
(.244±.02)
25±.05(.984±.02)
13±.20
(.511±.008)
REF
6.7±.50
(.264±.02)
A
Black(-)
Red(+)
4±1
(.157±.04)


Similar Part No. - 121-0426T-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
121-0426 ETC2-121-0426 Datasheet
134Kb / 1P
   I Type Battery Snaps
121-0426/T ETC2-121-0426/T Datasheet
134Kb / 1P
   I Type Battery Snaps
121-0426I-GR ETC2-121-0426I-GR Datasheet
139Kb / 1P
   I Type Battery Snaps
121-0426IM-GR ETC2-121-0426IM-GR Datasheet
82Kb / 1P
   4 ?쏧??Battery Snap
121-0426O-GR ETC2-121-0426O-GR Datasheet
86Kb / 2P
   O Type Battery Snaps
More results

Similar Description - 121-0426T-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
121-0426I-GR ETC2-121-0426I-GR Datasheet
139Kb / 1P
   I Type Battery Snaps
121-0426O-GR ETC2-121-0426O-GR Datasheet
86Kb / 2P
   O Type Battery Snaps
121-0426 ETC2-121-0426 Datasheet
134Kb / 1P
   I Type Battery Snaps
123-5004-GR ETC2-123-5004-GR Datasheet
136Kb / 1P
   Battery Snaps
123-5114-GR ETC2-123-5114-GR Datasheet
132Kb / 2P
   Battery Snaps
12BC309-GR ETC2-12BC309-GR Datasheet
79Kb / 1P
   Battery Snaps
123-6004-GR ETC2-123-6004-GR Datasheet
151Kb / 1P
   Battery Snaps
logo
Adam Technologies, Inc.
BS-1 ADAM-TECH-BS-1 Datasheet
111Kb / 1P
   BATTERY SNAPS
logo
List of Unclassifed Man...
12BC261-GR ETC2-12BC261-GR Datasheet
190Kb / 1P
   Mini Battery Snaps
12BC2102-GR ETC2-12BC2102-GR Datasheet
133Kb / 2P
   9V Battery Snaps PCB Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com