Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

122-0421-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 122-0421-GR
Description  2 AAA Battery Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122-0421-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  122-0421-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: mm (in.)
2 “AAA” Battery Holder
122-0421-GR
EPD-200452
24.5±.50
(.96±.02)
13±.50
(.51±.02)
UM-4 1.5V
8.7±.50
(.34±.02)
53±1
(2.09±.04)
Black
Red
Date Last Revised: 4-4-12
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
SPECIFICATIONS
Wire:
AWG#26
Black & Red 150MM±5MM
Strip & Tin 5MM±1MM
Material:
P.P. Resin, Black Color
Spring:
0.6MM 65C Spring Wire
RoHS Compliant


Similar Part No. - 122-0421-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
   Coin Cell Holder
More results

Similar Description - 122-0421-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH423-GR ETC2-12BH423-GR Datasheet
139Kb / 1P
   Battery Holder 2 AAA
12BH425-GR ETC2-12BH425-GR Datasheet
77Kb / 1P
   2 AAA Battery Holder with Leads
12BH422D-GR ETC2-12BH422D-GR Datasheet
88Kb / 1P
   2 AAA Battery Holder with Solder Tabs
12BH441P-GR ETC2-12BH441P-GR Datasheet
236Kb / 1P
   Battery Holder 4 AAA
logo
Bud Industries, Inc.
HH-3631 BUD-HH-3631 Datasheet
23Kb / 1P
   BATTERY HOLDER - 4 AAA
logo
List of Unclassifed Man...
12BH432A-GR ETC2-12BH432A-GR Datasheet
85Kb / 1P
   Battery Holder 3 AAA Round
logo
PowerDynamics, Inc
PDSN-41-1A POWERDYNAMICS-PDSN-41-1A Datasheet
45Kb / 1P
   1 CELL TYPE AAA BATTERY HOLDER
logo
List of Unclassifed Man...
12BH421CS-GR ETC2-12BH421CS-GR Datasheet
81Kb / 1P
   2 AAA Battery Holder with Leads, Cover, and Switch
12BH431-GR ETC2-12BH431-GR Datasheet
83Kb / 1P
   3 AAA Battery Holder with Leads
12BH444-GR ETC2-12BH444-GR Datasheet
83Kb / 1P
   4 AAA Battery Holder with Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com