Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK34LLSA Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SK34LLSA
Description  Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK34LLSA Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SK34LLSA Datasheet HTML 1Page - Cystech Electonics Corp. SK34LLSA Datasheet HTML 2Page - Cystech Electonics Corp. SK34LLSA Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C490SA
Issued Date : 2011.08.10
Revised Date :
Page No. : 2/2
SK34LLSA
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
0.5
1
1.5
2
2.5
3
3.5
0
25
50
75
100
125
Ambient Temperature---TA(℃)
Resistive or inductive load
Maximum Non-Repetitive Forward Surge Current
0
10
20
30
40
50
60
70
80
90
1
10
100
Number of Cycles at 60Hz
Tj=25℃, 8.3ms Single
Half Sine Wave
JEDEC method
Forward Current vs Forward Voltage
1
10
100
1000
10000
100000
0
0.2
0.4
0.6
0.8
1
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
Tj=25℃
Tj=75℃
Junction Capacitance vs Reverse Voltage
10
100
1000
0.1
1
10
100
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Reverse Leakage Current vs Reverse Voltage
10
100
1000
10000
010
20
30
Reverse Voltage---VR(V)
40
Tj=75℃
Tj=25℃


Similar Part No. - SK34LLSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK34LL ETC2-SK34LL Datasheet
240Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK34LL SECOS-SK34LL Datasheet
482Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34LL SECOS-SK34LL_15 Datasheet
222Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Similar Description - SK34LLSA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com