Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-L9338MD-TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # E-L9338MD-TR
Description  Quad low side driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L9338MD-TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button E-L9338MD-TR Datasheet HTML 2Page - STMicroelectronics E-L9338MD-TR Datasheet HTML 3Page - STMicroelectronics E-L9338MD-TR Datasheet HTML 4Page - STMicroelectronics E-L9338MD-TR Datasheet HTML 5Page - STMicroelectronics E-L9338MD-TR Datasheet HTML 6Page - STMicroelectronics E-L9338MD-TR Datasheet HTML 7Page - STMicroelectronics E-L9338MD-TR Datasheet HTML 8Page - STMicroelectronics E-L9338MD-TR Datasheet HTML 9Page - STMicroelectronics E-L9338MD-TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Pins description
L9338
6/14
Doc ID 1766 Rev 5
2
Pins description
Figure 2.
Pins connection diagram
Table 2.
Pins function
Pin #
Pin name
Function
1
IN1
Input 1
2
IN2
Input 2
3
DIAG
Diagnostic
4,5,6,7,14, 15,16,17
GND
Ground
8
VS
Supply voltage
9
IN3
Input 3
10
IN4
Input 4
11
EN
Enable
12
OUT 4
Output 4
13
OUT 3
Output 3
18
OUT 2
Output 2
19
OUT 1
Output 1
20
PRG
Program


Similar Part No. - E-L9338MD-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
E-L9637D013TR STMICROELECTRONICS-E-L9637D013TR Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
269Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
383Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
E-L9823013TR STMICROELECTRONICS-E-L9823013TR Datasheet
383Kb / 19P
   Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
More results

Similar Description - E-L9338MD-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
   QUAD LOW SIDE DRIVER
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
   QUAD LOW SIDE DRIVER
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
   QUAD LOW SIDE DRIVER
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
   QUAD LOW SIDE DRIVER
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
   Quad low side driver
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
   QUAD LOW SIDE DRIVER
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
   QUAD LOW SIDE DRIVER
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
logo
Freescale Semiconductor...
33385 FREESCALE-33385 Datasheet
406Kb / 18P
   Quad Low-side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com