Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G6K-2F-Y Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G6K-2F-Y
Description  Surface Mounting Relay with the World?셲 Smallest Mounting Area
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2F-Y Datasheet(HTML) 7 Page - Omron Electronics LLC

  G6K-2F-Y Datasheet HTML 1Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 2Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 3Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 4Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 5Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 6Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 7Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 8Page - Omron Electronics LLC G6K-2F-Y Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
G6K
Surface Mounting Relay
G
6
K
■Tube Packing and Tape Packing
(1) Tube Packing
• Relays in tube packing are arranged so that the orientation
mark of each Relay in on the left side. Fifty Relays are packed
on one tube.
Be sure not to make mistakes in Relay orientation when
mounting the Relay to the PCB.
Tube length: 520 mm (stopper not included)
No. of Relays per tube: 50 pcs
(2) Tape Packing (Surface Mounting Terminal Models)
• When ordering Relays in tape packing, add the prefix “-TR” to
the model number, otherwise the Relays in tube packing will
be provided.
Relays per Reel: 900 pcs
Minimum packing unit: 2 reels (1,800 pcs)
1. Direction of Relay Insertion
2. Reel Dimensions
3. Carrier Tape Dimensions
G6K-2F, G6K-2F-Y, G6KU-2F-Y
G6K-2G, G6K-2G-Y, G6KU-2G-Y
■Recommended Soldering Method
●IRS Method (for Surface-mounting Terminal Relays)
(1) IRS Method (Mounting Solder: Lead)
(2) IRS Method (Mounting Solder: Lead-free)
• The thickness of cream solder to be applied should be within a
range between 150 and 200
μm on OMRON’s recommended
PCB pattern.
• In order to perform correct soldering, it is recommended that
the correct soldering conditions be maintained as shown
below on the left side.
Visually check that the Relay is properly soldered.
Stopper
(gray)
Orientation of Relays
Stopper
(green)
Top tape
(cover tape)
Carrier tape
Embossed
tape
Orientation mark
Pulling
direction
Pulling direction
2±0.5
17.5±1.0
21.5±1.0
21±0.5
R1
13±0.2
80
330
16±0.1
10.35
7.5±0.1
12±0.1
8.6
1.75±0.1
5.6±0.1
0.4±0.05
4±0.1
1.5+0.1
−0
2±0.1
16±0.1
10.6
7.5±0.1
12±0.1
6.9
1.75±0.1
4±0.1
1.5+0.1
−0
2±0.1
0.4±0.05
10.6±0.1
5.8±0.1
R0.3 max.
3° max.
150
220 to 245
180 to 200
Soldering
Preheating
Time (s)
90 to 120
20 to 30
(The temperature profile indicates the temperature on the circuit board.)
230
180
150
Relay terminal
section
250 max.
Preheating
Time (s)
120 max.
30 max.
Soldering
Uppwe surface of case
(peak): 255°C max.
(The temperature profile indicates the temperature on the PCB.)
Heel fillet
is formed
Solder
PCB
Land
Terminal
Insufficient amount
of solder
Excessive amount
of solder
Relay
Correct Soldering
Incorrect Soldering


Similar Part No. - G6K-2F-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K-2F-Y OMRON-G6K-2F-Y Datasheet
308Kb / 10P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
G6K-2F-Y OMRON-G6K-2F-Y Datasheet
1Mb / 12P
   Low Signal Relay
G6K-2F-Y OMRON-G6K-2F-Y Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2F-Y OMRON-G6K-2F-Y Datasheet
1Mb / 10P
   Low Signal Relay
G6K-2F-Y-DC12 OMRON-G6K-2F-Y-DC12 Datasheet
1Mb / 10P
   Low Signal Relay
More results

Similar Description - G6K-2F-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6K OMRON-G6K Datasheet
308Kb / 10P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
Omron Electronics LLC
G6J2FSYTRDC45 OMRON-G6J2FSYTRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com