Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432K3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # TL432K3
Description  Adjustable shunt regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432K3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  TL432K3 Datasheet HTML 1Page - Cystech Electonics Corp. TL432K3 Datasheet HTML 2Page - Cystech Electonics Corp. TL432K3 Datasheet HTML 3Page - Cystech Electonics Corp. TL432K3 Datasheet HTML 4Page - Cystech Electonics Corp. TL432K3 Datasheet HTML 5Page - Cystech Electonics Corp. TL432K3 Datasheet HTML 6Page - Cystech Electonics Corp. TL432K3 Datasheet HTML 7Page - Cystech Electonics Corp. TL432K3 Datasheet HTML 8Page - Cystech Electonics Corp. TL432K3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C504K3
Issued Date : 2003.03.21
Revised Date : 2013.10.23
Page No. : 1/15
TL432A3/N3/M3/K3
CYStek Product Specification
Adjustable shunt regulator
TL432A3/N3/M3/K3
Description
Features
TheTL432 is a three terminal adjustable shunt
Low voltage operation(down to 1.24V)
regulator with thermal stability guaranteed over
Fast turn on response
temperature. The output voltage can be adjusted
Low dynamic output impedance 0.2Ω typ.
to any value from 1.24V(VREF) to 18V with two
Trimmed bandgap design : ±0.5%
external resistors. The TL432 has a typical dynamic
Sink current capability : 100mA
output impedance of 0.2Ω. Active output circuitry
Available in TO-92, SOT-23, SOT-89, and
provides a very sharp turn on characteristic, making
TO-92L packages
the TL432 an excellent replacement for zener diodes.
Applications
The TL432 shunt regulator is available with two
Linear Regulators
voltage tolerances(0.5%, and 1% ), and four package
Adjustable Supplies
options(TO-92, SOT-23, SOT-89 and TO-92L).
Switching Power Supplies
This allows the designer the opportunity to select the
Battery Operated Computers
optimum combination of cost and performance for
Instrumentation
their application.
Computer Disk Drives
Typical Application Circuit(Note 1,2)
TL432
Notes:
1) Set VOUT according to the following equation:
VOUT=VREF(1+R1/R2)+IREFR1
2) Choose the value for R as follows:
˙The maximum limit for R should be such that the
cathode current, Iz, is greater than the minimum
operating current(80μA) at VIN(MIN).
˙The minimum limit for R should be as such that Iz
does not exceed 100mA under all load conditions,
and the instantaneous turn-on value for Iz does not
exceed 150mA. Both of the following conditions
must be met:
Rmin
≥VIN(max)/150mA(to limit instantaneous
turn-on Iz)
Rmin
≥ VIN(max)-VOUT
(to limit Iz under
IOUT(min)+100mA
normal operating
conditions)


Similar Part No. - TL432K3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
TL432K3-A-BK-G CYSTEKEC-TL432K3-A-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-TB-G CYSTEKEC-TL432K3-A-TB-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-B-BK-G CYSTEKEC-TL432K3-B-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-B-TB-G CYSTEKEC-TL432K3-B-TB-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
More results

Similar Description - TL432K3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com