Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432K3-A-BK-G Datasheet(PDF) 11 Page - Cystech Electonics Corp.

Part # TL432K3-A-BK-G
Description  Adjustable shunt regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432K3-A-BK-G Datasheet(HTML) 11 Page - Cystech Electonics Corp.

Back Button TL432K3-A-BK-G Datasheet HTML 7Page - Cystech Electonics Corp. TL432K3-A-BK-G Datasheet HTML 8Page - Cystech Electonics Corp. TL432K3-A-BK-G Datasheet HTML 9Page - Cystech Electonics Corp. TL432K3-A-BK-G Datasheet HTML 10Page - Cystech Electonics Corp. TL432K3-A-BK-G Datasheet HTML 11Page - Cystech Electonics Corp. TL432K3-A-BK-G Datasheet HTML 12Page - Cystech Electonics Corp. TL432K3-A-BK-G Datasheet HTML 13Page - Cystech Electonics Corp. TL432K3-A-BK-G Datasheet HTML 14Page - Cystech Electonics Corp. TL432K3-A-BK-G Datasheet HTML 15Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C504A3
Issued Date : 2003.03.21
Revised Date : 2013.10.23
Page No. : 11/15
TL432A3/N3/M3/K3
CYStek Product Specification
TO-92L Taping Outline
Millimeters
DIM
Item
Min.
Max.
A1
Component body width
4.70
5.10
A
Component body height
7.80
8.20
T
Component body thickness
3.70
4.10
d
Lead wire diameter
0.40
0.50
d1
Lead wire diameter 1
0.62
0.78
P
Pitch of component
12.40
13.00
P0
Feed hole pitch
12.50
12.90
P2
Hole center to component center
6.05
6.65
F1, F2
Lead to lead distance
2.20
2.80
△h
Component alignment, F-R
-1.00
1.00
W
Tape width
17.50
19.00
W0
Hole down tape width
5.50
6.50
W1
Hole position
8.50
9.50
W2
Hole down tape position
-
1.00
H
Height of component from tape center
19.00
21.00
H0
Lead wire clinch height
15.50
16.50
L1
Lead wire (tape portion)
2.50
-
D0
Feed hole diameter
3.80
4.20
t1
Taped lead thickness
0.35
0.45
t2
Carrier tape thickness
0.15
0.25
P1
Position of hole
3.55
4.15
△P
Component alignment
-1.00
1.00


Similar Part No. - TL432K3-A-BK-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
TL432K3 CYSTEKEC-TL432K3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
More results

Similar Description - TL432K3-A-BK-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com