Electronic Components Datasheet Search |
|
TL432N3-B-T1-G Datasheet(PDF) 7 Page - Cystech Electonics Corp. |
|
TL432N3-B-T1-G Datasheet(HTML) 7 Page - Cystech Electonics Corp. |
7 / 15 page CYStech Electronics Corp. Spec. No. : C504A3 Issued Date : 2003.03.21 Revised Date : 2013.10.23 Page No. : 7/15 TL432A3/N3/M3/K3 CYStek Product Specification Test Circuit-Small-Signal Gain and Phase Test Circuit-Stability 15k 8.25k PL432 232 Iz OUT GND 10μF TL432 Iz R1 R2 PL432 R CL TL432 Applications Information - Stability Selection of load capacitance when using TL432 as a shunt regulator When the TL432 is used as a shunt regulator, two options for selection of CL(see diagram on page 6) are recommended for optimal stability: 1) No load capacitance across the device, decouple at the load. 2) Large capacitance across the device, optimal decoupling at the load. The reason for this is that TL432 exhibits instability with capacitances in the range of 10nF to 1μF (approx.) at light cathode currents(up to 3mA typical). The device is less stable the lower the cathode voltage has been set for. Therefore while the device will be perfectly stable operating at a cathode current of (say) 10mA with a 0.1μF capacitor across it, it will oscillate transiently during start-up as the cathode current passes through the instability region. Selecting a very low (or preferably, no) capaci- tance, or alternatively a high capacitance(such as 10μF) will avoid this issue altogether. Since the user will probably wish to have local decoupling at the load anyway, the most cost effective method is to use no capacitance at all directly across the device. PCB trace/via resistance and inductance prevent the local load decoupling from causing the oscillation during the transient start-up phase. Note : if the TL432 is located right at the load, so the load decoupling capacitor is directly across it, then this capacitor will have to be ≤1nF or ≥10μF. |
Similar Part No. - TL432N3-B-T1-G |
|
Similar Description - TL432N3-B-T1-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |