Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFM600FXM18-A000 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DFM600FXM18-A000
Description  Fast Recovery Diode Module Preliminary Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM600FXM18-A000 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DFM600FXM18-A000 Datasheet HTML 1Page - Dynex Semiconductor DFM600FXM18-A000 Datasheet HTML 2Page - Dynex Semiconductor DFM600FXM18-A000 Datasheet HTML 3Page - Dynex Semiconductor DFM600FXM18-A000 Datasheet HTML 4Page - Dynex Semiconductor DFM600FXM18-A000 Datasheet HTML 5Page - Dynex Semiconductor DFM600FXM18-A000 Datasheet HTML 6Page - Dynex Semiconductor DFM600FXM18-A000 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DFM600FXM18-A000
6/7
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
140
4x M8
5
20
6x Ø7
15
15
1
3
2
4
62
62
Main Terminal screw plastic hole depth (M8) = 16.8 ± 0.3
Copper terminal thickness, main terminal pins = 1.5 ± 0.1
Nominal weight: 1050g
Module outline type code: F


Similar Part No. - DFM600FXM18-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM600FXM18-A000 DYNEX-DFM600FXM18-A000 Datasheet
258Kb / 6P
   Fast Recovery Diode Module
DFM600FXM18-A000 DYNEX-DFM600FXM18-A000_10 Datasheet
258Kb / 6P
   Fast Recovery Diode Module
DFM600FXM18-A000 DYNEX-DFM600FXM18-A000_15 Datasheet
253Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM600FXM18-A000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000 Datasheet
99Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM900FXM18-A000 DYNEX-DFM900FXM18-A000 Datasheet
100Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000 Datasheet
100Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM600FXM12-A000 DYNEX-DFM600FXM12-A000 Datasheet
99Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM600LXS18-A000 DYNEX-DFM600LXS18-A000 Datasheet
93Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000 Datasheet
99Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000 Datasheet
119Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM1200NXM33-A000 DYNEX-DFM1200NXM33-A000 Datasheet
120Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000 Datasheet
152Kb / 7P
   Fast Recovery Diode Module Preliminary Information
DFM300LXS12-A000 DYNEX-DFM300LXS12-A000 Datasheet
92Kb / 7P
   Fast Recovery Diode Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com