Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC4EBD-DC5V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # NC4EBD-DC5V
Description  Transistor drive 2c/4c 5A slim power relays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NC4EBD-DC5V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  NC4EBD-DC5V Datasheet HTML 1Page - Panasonic Semiconductor NC4EBD-DC5V Datasheet HTML 2Page - Panasonic Semiconductor NC4EBD-DC5V Datasheet HTML 3Page - Panasonic Semiconductor NC4EBD-DC5V Datasheet HTML 4Page - Panasonic Semiconductor NC4EBD-DC5V Datasheet HTML 5Page - Panasonic Semiconductor NC4EBD-DC5V Datasheet HTML 6Page - Panasonic Semiconductor NC4EBD-DC5V Datasheet HTML 7Page - Panasonic Semiconductor NC4EBD-DC5V Datasheet HTML 8Page - Panasonic Semiconductor NC4EBD-DC5V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
NC
ASCTB12E 20120
9-T
REFERENCE DATA (Standard type)
1.-(1) Life curve
(AC/DC load 2 Form C, 4 Form C)
1.-(2) Life curve (AC/DC load 2 Form C)
1.-(3) Life curve (AC/DC load 4 Form C)
Contact carrying current, A
0.1
1.0
10
100
1,000
10,000
220 V DC resistive
110 V DC resistive
30 V DC resistive
Contact carrying current, A
100
10
0
1,000
5,000
1
234
5
250 V AC resistive
250 V AC inductive (pf=0.4)
Contact carrying current, A
100
10
0
1,000
5,000
125 V AC resistive
250 V AC resistive
125 V AC inductive (pf=0.4)
250 V AC inductive (pf=0.4)
12
3
4
5
2. Temperature rise characteristics
(single side stable)
Measured portion: Inside the coil
3. Operate time (single side stable)
4. Release time (single side stable)
20
30
40
50
60
70
80
0.4
0.6
0.8
1.0
1.2
1.4
1.6 1.8W
100 120 140 160
180
200
220%V
100 110 120 130 140 150%V
5 A
(Contact
carring
current)
3 A
(Contact
carring
current)
4C
2C
Operating
power
Coil voltage
2C : up to
48 V DC
2C : 100 V DC
4C : all types
)
)
(
(
5 A
(Contact
carring
current)
3 A
(Contact
carring
current)
Coil applied voltage,%V
4
2
10
6
8
12
16
14
18
20
80
100
90
110
Min.
Max.
4c
2c
Min.
Max.
Coil applied voltage,%V
5
4
3
2
1
80
100
90
110
4c
2c
Max.
Min.
Max.
Min.
5.-(1) Rate of change of pick-up and drop-out
voltage
(2 Form C single side stable)
5.-(2) Rate of change of pick-up and drop-out
voltage
(4 Form C single side stable)
100
–40 –20
0
20
40
60
80
80
90
110
120
Ambient temperature,
°C
Drop-out voltage
Pick-up voltage
100
–40 –20
0
20
40
60
80
80
90
110
120
Ambient temperature,
°C
Drop-out voltage
Pick-up voltage
6.-(1) Ambient temperature vs Max. applied
voltage
Tested sample:
NC2D-P-DC24 V (2 Form C slim single side stable)
6.-(2) Ambient temperature vs Max. applied
voltage
Tested sample:
NC2D-P-DC110 V (2 Form C slim single side stable),
NC4D-P-DC24 V (4 Form C slim single side stable)
100
150
200
250
Ambient temperature,
°C
40
50
60
70
0 A
(Contact
carring
current)
3 A
(Contact
carring
current)
5 A
(Contact
carring
current)
30
40
50
100
150
200
250
Ambient temperature,
°C
0 A (Contact
carring
current)
3 A (Contact
carring
current)
5 A (Contact
carring
current)


Similar Part No. - NC4EBD-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC4EBD-DC5V PANASONIC-NC4EBD-DC5V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
More results

Similar Description - NC4EBD-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com