Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC4EBD-DC24V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # NC4EBD-DC24V
Description  Transistor drive 2c/4c 5A slim power relays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

NC4EBD-DC24V Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button NC4EBD-DC24V Datasheet HTML 2Page - Panasonic Semiconductor NC4EBD-DC24V Datasheet HTML 3Page - Panasonic Semiconductor NC4EBD-DC24V Datasheet HTML 4Page - Panasonic Semiconductor NC4EBD-DC24V Datasheet HTML 5Page - Panasonic Semiconductor NC4EBD-DC24V Datasheet HTML 6Page - Panasonic Semiconductor NC4EBD-DC24V Datasheet HTML 7Page - Panasonic Semiconductor NC4EBD-DC24V Datasheet HTML 8Page - Panasonic Semiconductor NC4EBD-DC24V Datasheet HTML 9Page - Panasonic Semiconductor NC4EBD-DC24V Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
NC
ASCTB12E 20120
9-T
Slim type
Plug-in type
4 Form C
External dimensions
38.1
1.500
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
5.08
5.08
5.08 5.08
.200
.200
.200
.200 .200
10
11 12
13 14
15
16
9
87
6 5
4 3
2
1
2.54
2.54
.100
.100
27.8
1.094
6.1
.240
0.4
7.62
.300
11.2
.441
0.4
.016
.016
Schematic (Bottom view)
Single side stable
(Deenergized position)
11
10
912 13 14 15 16
87
5
4
2
1
+–
CAD Data
Slim type
PC board type
2 Form C
External dimensions
(Dowel heigh: 0.4 .016)
4.1
.161
7.62
.300
11.2
.441
0.2
0.4
.008
.016
27.8
1.094
5.08
7.62
5.08
.200
.300
.200
2.54
.100
25.4
1.000
5.08 5.08 5.08
.200 .200 .200
11
12
13
14
76 5
4 3
2
0.8
.031
Schematic (Bottom view)
Single side stable
(Deenergized position)
PC board pattern (Bottom view)
Single side stable
11
12
13 14
75
4
2
+–
12 13 14
11
75
4
2
.110 dia.
2.8 dia.
8-.047 dia. hole
8-1.2 dia. hole
2.54
×3
.100
×3
2.54
.100
2.54
.100
CAD Data
Slim type
PC board type
4 Form C
External dimensions
(Dowel heigh: 0.4 .016)
4.1
.161
7.62
.300
11.2
.441
0.2
0.4
.008
.016
27.8
1.094
38.1
1.500
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
.200
5.08
5.08
5.08
5.08 5.08
.200
.200
.200
.200 .200
87
6 5
4 3
2
1
2.54
2.54
.100
.100
0.8
.031
Schematic (Bottom view)
Single side stable
(Deenergized position)
PC board pattern (Bottom view)
Single side stable
11
10
912 13 14 15 16
87
5
4
2
1
+–
.110 dia.
14-.047 dia. hole
2.8 dia.
14-1.2 dia. hole
2.54
×3
.100
×3
2.54
.100
2.54
.100
910 11 12 13141516
75
4
2
1
8
CAD Data


Similar Part No. - NC4EBD-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC4EBD-DC24V PANASONIC-NC4EBD-DC24V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
More results

Similar Description - NC4EBD-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com